Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3513SR Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3513SR
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3513SR Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3513SR Datasheet HTML 1Page - RF Micro Devices RFSA3513SR Datasheet HTML 2Page - RF Micro Devices RFSA3513SR Datasheet HTML 3Page - RF Micro Devices RFSA3513SR Datasheet HTML 4Page - RF Micro Devices RFSA3513SR Datasheet HTML 5Page - RF Micro Devices RFSA3513SR Datasheet HTML 6Page - RF Micro Devices RFSA3513SR Datasheet HTML 7Page - RF Micro Devices RFSA3513SR Datasheet HTML 8Page - RF Micro Devices RFSA3513SR Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 16
RFSA3513
RFSA3513
5MHz to 6000MHz, Digital Step Attenuator
The
RFMD’s RFSA3513 is a 5-bit digital step attenuator
(DSA) that features high linearity over the entire 31dB gain
control range with 1.0dB steps. The RFSA3513 uses serial
control interface. The RFSA3513 has a low insertion loss of
1.4dB at 2GHz. Patent pending circuit architecture provides
overshoot-free transient switching performance. External
address pins allow up to eight DSAs to be controlled on a
single bus. The RFSA3513 is available in a 3mm x 3mm QFN
package.
16
1
2
3
4
15
14
13
12
11
10
9
5
6
7
8
5-BIT DSA
LOGIC CONTROL
VDD
A0
GND
RFIN
LE
GND
GND
RFOUT
Functional Block Diagram
Ordering Information
RFSA3513SQ
Sample bag with 25 pieces
RFSA3513SR
7" Reel with 100 pieces
RFSA3513TR7
7" Reel with 2500 pieces
RFSA3513PCK-410
5MHz to 6000MHz PCBA with 5-piece sample bag
Package: QFN, 16-pin,
3.0mm x 3.0mm x 0.85mm
Features
■
5-Bit, 31dB Range, 1.0dB Step
■
Patent Pending Circuit Architecture
■
Overshoot-free Transient
Switching Performance
■
Frequency Range 5MHz to
6000MHz
■
High Linearity, IIP3 >55dBm
■
Serial Control Interface
■
Fast Switching Speed, <120nsec
Typical
■
Serial Addressable Supports Up to
Eight Addresses
■
Single Supply 3V to 5V Operation
■
RF Pins Have No DC Voltage, Can
be DC Grounded Externally
■
Power-up Default Setting Is
Maximum Attenuation
Applications
■
2G through 4G Base Stations
■
Point-to-Point
■
WiMax/WiFi
■
Test Equipment
RFSA3513


Similar Part No. - RFSA3513SR

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
RFSA3513SR QORVO-RFSA3513SR Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3513SR

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3714 RFMD-RFSA3714 Datasheet
2Mb / 20P
50MHz to 6000MHz, Digital Step Attenuator
RFSA3715 RFMD-RFSA3715 Datasheet
1Mb / 20P
5MHz to 4000MHz, Digital Step Attenuator
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
Renesas Technology Corp
F1975 RENESAS-F1975 Datasheet
3Mb / 27P
6-Bit, 75廓 Digital Step Attenuator 5MHz to 3GHz
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com