Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3613 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSA3613
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3613 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSA3613 Datasheet HTML 6Page - RF Micro Devices RFSA3613 Datasheet HTML 7Page - RF Micro Devices RFSA3613 Datasheet HTML 8Page - RF Micro Devices RFSA3613 Datasheet HTML 9Page - RF Micro Devices RFSA3613 Datasheet HTML 10Page - RF Micro Devices RFSA3613 Datasheet HTML 11Page - RF Micro Devices RFSA3613 Datasheet HTML 12Page - RF Micro Devices RFSA3613 Datasheet HTML 13Page - RF Micro Devices RFSA3613 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
10 of 16
RFSA3613
Evaluation Board Bill of Materials (BOM)
Description
Reference Designator
Manufacturer
Manufacturer's P/N
RFSA3613-410
Dynamic Details (DDI) Toronto
RFSA3613-410(B)
Digital Step Attenuator, 5MHz to 6000MHz
U1
RFMD
RFSA3613SB
CAP, 1µF, 10%, 25V, X7R, 1206
C1
Taiyo Yuden (USA), Inc.
CE TMK316BJ105KL-T
CONN, SMA, END LNCH, UNIV, HYB
MNT, FLT
J1-J4
Molex
SD-73251-4000
CONN, HDR, ST, PLRZD, 2-
PIN, 0.100”
P1
ITW Pancon
MPSS100-2-C
CONN, HDR, ST, 3 x 5, 0.100”, T/H
P3
Samtec Inc.
TSW-105-07-L-T
CONN, HDR, 2 x 4, RA, 0.100”, T/H
P4
Samtec Inc.
TSW-104-08-G-D-RA
CONN, SKT, 24-
PIN DIP, 0.600”, T/H
P2
Aries Electronics Inc.
24-6518-10
MOD, USB TO SERIAL UART, SSOP-28
M1 (See Note 1)
Future Technology Devices Int’l
UM232R
CAP, 470pF, 5%, 50V, C0G, 0402
C4
Murata Electronics
GRM1555C1H471JA01D
Jumpers
S1-S4 (See Note 2)
3M Interconnect Solutions
929950-00
DNP
C5-C13
N/A
N/A
Notes:
1.
M1 should be mounted into P2 with respect to the Pin 1 alignment of M1 andP2.
2.
Jumpers S1-S4 installed on P3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com