Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3613 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFSA3613
Description  5MHz to 6000MHz, Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3613 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFSA3613 Datasheet HTML 8Page - RF Micro Devices RFSA3613 Datasheet HTML 9Page - RF Micro Devices RFSA3613 Datasheet HTML 10Page - RF Micro Devices RFSA3613 Datasheet HTML 11Page - RF Micro Devices RFSA3613 Datasheet HTML 12Page - RF Micro Devices RFSA3613 Datasheet HTML 13Page - RF Micro Devices RFSA3613 Datasheet HTML 14Page - RF Micro Devices RFSA3613 Datasheet HTML 15Page - RF Micro Devices RFSA3613 Datasheet HTML 16Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS141203
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 16
RFSA3613
Pin Names and Descriptions
Pin
Name
Description
1
VDD
Supply Voltage
2
A0
A0 External Address Pin
3
GND
Ground Pin
4
RFIN
RF Input Pin
Incident RF power must enter this pin for rated thermal performance and reliability
Do not apply DC power to this pin. Pin may be DC grounded externally and is grounded thru resistors internal
to the part.
5
GND
Ground Pin
6
GND
Ground Pin
7
GND
Ground Pin
8
GND
Ground Pin
9
RFOUT
RF Output Pin; Do not apply DC power to this pin. Pin may be DC grounded externally and is grounded thru
resistors internal to the part.
10
GND
Ground Pin
11
GND
Ground Pin
12
LE
Latch Enable
The leading edge of signal on LE causes the attenuator to change state
13
CLK
Serial Clock Input
14
SI
Serial data Input
15
A1
A1 External Address Pin
16
A2
A2 External Address Pin
Serial Addressable Mode Attenuation Word Truth Table
Attenuation Word
Attenuation State
D7
D6
D5
D4
D3
D2
D1
(LSB)
D0
X
L
L
L
L
L
L
X
0dB / Reference Insertion Loss
X
L
L
L
L
L
H
X
0.5dB
X
L
L
L
L
H
L
X
1dB
X
L
L
L
H
L
L
X
2dB
X
L
L
H
L
L
L
X
4dB
X
L
H
L
L
L
L
X
8dB
X
H
L
L
L
L
L
X
16dB
X
H
H
H
H
H
H
X
31.5dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com