Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136 Datasheet(PDF) 3 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 3 Page - Tyco Electronics

  MRF136 Datasheet HTML 1Page - Tyco Electronics MRF136 Datasheet HTML 2Page - Tyco Electronics MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Figure 1. 150 MHz Test Circuit
C1, C2 — Arco 406, 15 – 115 pF or Equivalent
C3 — Arco 404, 8 – 60 pF or Equivalent
C4 — 43 pF Mini–Unelco or Equivalent
C5 — 24 pF Mini–Unelco or Equivalent
C6 — 680 pF, 100 Mils Chip
C7 — 0.01
µF Ceramic
C8 — 100
µF, 40 V
C9 — 0.1
µF Ceramic
C10, C11 — 680 pF Feedthru
D1 — 1N5925A Motorola Zener
L1 — 2 Turns, 0.29
″ ID, #18 AWG, 0.10″ Long
L2 — 2 Turns, 0.23
″ ID, #18 AWG, 0.10″ Long
L3 — 2–1/4 Turns, 0.29
″ ID, #18 AWG, 0.125″ Long
RFC1 — 20 Turns, 0.30
″ ID, #20 AWG Enamel Closewound
RFC2 — Ferroxcube VK–200 — 19/4B
R1 — 27
Ω, 1 W Thin Film
R2 — 10 k
Ω, 1/4 W
R3 — 10 Turns, 10 k
Ω
R4 — 1.8 k
Ω, 1/2 W
Board Material — 0.062
″ G10, 1 oz. Cu Clad, Double Sided
R4
C10
D1
C8
+
RFC1
C7
C1
L1
R2
R1
C9
C4
C3
C2
RF INPUT
L2
RFC2
L3
DUT
–
RF OUTPUT
C6
C5
C11
VDD = + 28 V
R3
BIAS
ADJUST
3
REV 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com