Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRF136 Datasheet(PDF) 7 Page - Tyco Electronics

Part # MRF136
Description  N-CHANNEL MOS BROADBAND RF POWER FET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MRF136 Datasheet(HTML) 7 Page - Tyco Electronics

Back Button MRF136 Datasheet HTML 3Page - Tyco Electronics MRF136 Datasheet HTML 4Page - Tyco Electronics MRF136 Datasheet HTML 5Page - Tyco Electronics MRF136 Datasheet HTML 6Page - Tyco Electronics MRF136 Datasheet HTML 7Page - Tyco Electronics MRF136 Datasheet HTML 8Page - Tyco Electronics MRF136 Datasheet HTML 9Page - Tyco Electronics MRF136 Datasheet HTML 10Page - Tyco Electronics MRF136 Datasheet HTML 11Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Figure 16. Large–Signal Series Equivalent
Input Impedance, Zin†
Figure 17. Large–Signal Series Equivalent
Output Impedance, ZOL*
Figure 18. Input and Outut Impedance
400
200
150
f = 100 MHz
Zin{
VDD = 28 V, IDQ = 25 mA,
Pout = 15 W
{27 Ω Shunt Resistor Gate–to–Ground
f
MHz
Zin{
OHMS
100
150
200
400
7.5 – j9.73
4.11 – j7.56
2.66 – j6.39
2.39 – j2.18
400
200
150
f = 100 MHz
ZOL*
VDD = 28 V, IDQ = 25 mA,
Pout = 15 W
ZOL* = Conjugate of the
optimum load impedance into
which the device operates at
a given output power, voltage
and frequency.
f
MHz
ZOL*
OHMS
100
150
200
400
13.7 – j16.8
9.08 – j15.38
4.74 – j8.92
4.28 – j4.17
400
225
150
f = 30 MHz
ZOL*
100
50
Zin
f = 30 MHz
50
100
150
225
400
Feedback loops: 560 ohms in series with 0.1
µF
Drain to gate, each side of push–pull FET
ZOL* = Conjugate of the optimum load imped-
ance into which the device operates at a given
output power, voltage and frequency.
VDD = 28 V, IDQ = 100 mA,
Pout = 30 W
f
MHz
Zin{
Ohms
ZOL*
Ohms
30
50
100
150
225
400
59.3 – j24
48 – j33.5
20.5 – j34.2
4.77 – j25.4
3
– j9.5
2.34 – j3.31
40.1 – j8.52
37 – j11.9
29 – j16.5
20.6 – j19
13 – j16.7
10.2 – j14.3
Zin & ZOL* are given
from drain–to–drain and
gate–to–gate respectively.
7
REV 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com