Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3715 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFSA3715
Description  5MHz to 4000MHz, Digital Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3715 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFSA3715 Datasheet HTML 9Page - RF Micro Devices RFSA3715 Datasheet HTML 10Page - RF Micro Devices RFSA3715 Datasheet HTML 11Page - RF Micro Devices RFSA3715 Datasheet HTML 12Page - RF Micro Devices RFSA3715 Datasheet HTML 13Page - RF Micro Devices RFSA3715 Datasheet HTML 14Page - RF Micro Devices RFSA3715 Datasheet HTML 15Page - RF Micro Devices RFSA3715 Datasheet HTML 16Page - RF Micro Devices RFSA3715 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
13 of 20
RFSA3715
Evaluation Board Programming Using External Bus
Serial Addressable Mode
This configuration allows the user to control the attenuator through the P5 connector using an external harness.
Remove the USB interface board if it is currently installed on the evaluation board. Connect a user-supplied harness to
the P5 connector. Note that the top row of P5 contains the serial bus signals and the bottom row is ground.
Programming jumper S1 is set to ‘0’ and S2 is set to ‘1’. External address jumpers S3 through S5 can be set to any
value desired by the user. Jumper S6 is installed and allows the LE signal to be routed from the P5 connector to the
attenuator. Apply the supply voltage to P6. Send the appropriate signals onto the serial bus lines in accordance with
the Serial Addressable Mode Timing Diagram. The attenuator is set to the desired state and measurements can be
taken.
Latched Parallel Mode
This configuration allows the user to control the attenuator through the P1 connector using an external harness.
Remove the USB interface if it is currently installed on the evaluation board. Connect a user-supplied harness to the
P1 connector. The parallel bus signal names for P1 are indicated on the evaluation board. Programming jumper S2 is
set to ‘0’ to select parallel mode. All other programming jumpers are not required and can be set to any position. Apply
the supply voltage to P6. Send the appropriate signals onto the parallel bus lines in accordance with the Latched
Parallel Mode Timing Diagram. The attenuator is set to the desired state and measurements can be taken.
Direct Parallel Mode
This configuration allows the user to control the attenuator through the P1 connector using an external harness. When
using this mode the LE signal is held at logic high so that the attenuation will change immediately when there is a
change in logic state for any of the parallel bus signals. Remove the USB interface if it is currently installed on the
evaluation board. Connect a user-supplied harness to the P1 connector. The parallel bus signal names for P1 are
indicated on the evaluation board. Pro
gramming jumper S2 is set to ‘0’ to select parallel mode. All other programming
jumpers are not required and can be set to any position. Apply the supply voltage to P6. Send the appropriate signals
onto the parallel bus lines. The attenuator is set to the desired state and measurements can be taken.
Default Power-up State
This default attenuation state is maximum (31.75dB) when supply voltage is applied to the attenuator in both serial and
parallel modes. If a different attenuation state is desired during power-up, this can be accomplished by applying signals
according to the Parallel Mode Truth Table. The attenuator will power-up to the state applied to the parallel bus during
turn on. The LE signal must be held to logic ‘0’ during power-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com