Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA3715 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA3715
Description  5MHz to 4000MHz, Digital Step Attenuator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA3715 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA3715 Datasheet HTML 1Page - RF Micro Devices RFSA3715 Datasheet HTML 2Page - RF Micro Devices RFSA3715 Datasheet HTML 3Page - RF Micro Devices RFSA3715 Datasheet HTML 4Page - RF Micro Devices RFSA3715 Datasheet HTML 5Page - RF Micro Devices RFSA3715 Datasheet HTML 6Page - RF Micro Devices RFSA3715 Datasheet HTML 7Page - RF Micro Devices RFSA3715 Datasheet HTML 8Page - RF Micro Devices RFSA3715 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150205
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 20
RFSA3715
5MHz to 4000MHz, Digital Step Attenuator
The
RFMD’s RFSA3715 is a 7-bit digital step attenuator
(DSA) that features high linearity over the entire 31.75dB gain
control range with 0.25dB steps. The RFSA3715 features
three modes of control: serial addressable, latched parallel
and direct parallel programming. The RFSA3715 has a low
insertion loss of 1.5dB at 2GHz. Patent pending circuit
architecture providing overshoot-free transient switching
performance. External address pins allow up to eight DSAs to
be controlled on a single bus. The RFSA3715 is available in a
5mm x 5mm QFN package.
32
1
2
3
4
5
6
31
30
29
28
27
24
23
22
21
20
19
9
10
11
12
13
14
7-BIT DSA
LOGIC CONTROL
NC
VDD
PBAR/S
A0
GND
GND
CLK
LE
A1
A2
GND
GND
7
8
RFIN
GND
18
17
RFOUT
GND
26
25
15
16
Functional Block Diagram
Ordering Information
RFSA3715SQ
Sample bag with 25 pieces
RFSA3715SR
7" Reel with 100 pieces
RFSA3715TR13
13" Reel with 2500 pieces
RFSA3715PCK-410
5MHz to 4000MHz PCBA with 5-piece sample bag
Package: QFN, 32-pin,
5.0mm x 5.0mm x 0.85mm
Features
■
7-Bit, 31.75dB Range, 0.25dB Step
■
Patent Pending Circuit Architecture
■
Overshoot-free Transient
Switching Performance
■
Frequency Range 5MHz to
4000MHz
■
High Linearity, IIP3 >55dBm
■
Serial and Parallel Control
Interface
■
Fast Switching Speed, <120nsec
■
Serial Addressable Supports Up to
Eight Addresses
■
Single Supply 3V to 5V Operation
■
RF Pins Have No DC Voltage, Can
Be DC Grounded Externally
■
Power-up Default Setting is
Maximum Attenuation
Applications
■
2G through 4G Base Stations
■
Point-to-Point
■
WiMax/WiFi
■
Test Equipment
RFSA3715


Similar Part No. - RFSA3715

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Qorvo, Inc
RFSA3713 QORVO-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
RF Micro Devices
RFSA3713PCK-410 RFMD-RFSA3713PCK-410 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Qorvo, Inc
RFSA3713PCK-410 QORVO-RFSA3713PCK-410 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
RF Micro Devices
RFSA3713SQ RFMD-RFSA3713SQ Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
More results

Similar Description - RFSA3715

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA2534 RFMD-RFSA2534 Datasheet
1,012Kb / 12P
50MHz to 4000MHz, Digital Step Attenuator
RFSA2714 RFMD-RFSA2714 Datasheet
2Mb / 9P
Parallel Controlled Digital Step Attenuator 50MHz to 4000MHz
RFSA2724 RFMD-RFSA2724 Datasheet
2Mb / 9P
Serial Controlled Digital Step Attenuator, 50MHz to 4000MHz
RFSA3413 RFMD-RFSA3413 Datasheet
1Mb / 14P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3513 RFMD-RFSA3513 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3523 RFMD-RFSA3523 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3613 RFMD-RFSA3613 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3623 RFMD-RFSA3623 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
RFSA3713 RFMD-RFSA3713 Datasheet
1Mb / 16P
5MHz to 6000MHz, Digital Step Attenuator
logo
Renesas Technology Corp
F1978 RENESAS-F1978 Datasheet
3Mb / 27P
6-Bit, 75Ω Digital Step Attenuator 5MHz to 3GHz
August 28, 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com