Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet(PDF) 10 Page - RF Micro Devices

Part # RFSA4013
Description  TEMPERATURE COMPENSATING ATTENUATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4013 Datasheet(HTML) 10 Page - RF Micro Devices

Back Button RFSA4013 Datasheet HTML 6Page - RF Micro Devices RFSA4013 Datasheet HTML 7Page - RF Micro Devices RFSA4013 Datasheet HTML 8Page - RF Micro Devices RFSA4013 Datasheet HTML 9Page - RF Micro Devices RFSA4013 Datasheet HTML 10Page - RF Micro Devices RFSA4013 Datasheet HTML 11Page - RF Micro Devices RFSA4013 Datasheet HTML 12Page - RF Micro Devices RFSA4013 Datasheet HTML 13Page - RF Micro Devices RFSA4013 Datasheet HTML 14Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
10 of 16
RFSA4013
DS111221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured at 6GHz Performance
35
40
45
50
55
60
65
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP3 versus Temperature
VDD=5V, 2 Tones at 6GHz and 6.001GHz, Pin=+10dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
35
40
45
50
55
60
65
-14
-13
-12
-11
-10
-9
-8
-7
-6
Attenuation (dB)
Input IP3 versus Attenuation
VDD=5V, 2 Tones at 6GHz and 6.001GHz, Pin=+10dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
50
55
60
65
70
75
80
85
90
95
100
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input IP2 versus Temperature
VDD=5V, F=12.001GHz, Pin=+10dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
50
55
60
65
70
75
80
85
90
95
100
-14
-13
-12
-11
-10
-9
-8
-7
-6
Attenuation (dB)
Input IP2 versus Attenuation
VDD=5V, F=12.001Hz, Pin=+10dBm/Tone
Mode1=High Mode2=Low
Mode1=High Mode 2=High
Mode1=Low Mode2=High



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com