Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA4013
Description  TEMPERATURE COMPENSATING ATTENUATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4013 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA4013 Datasheet HTML 1Page - RF Micro Devices RFSA4013 Datasheet HTML 2Page - RF Micro Devices RFSA4013 Datasheet HTML 3Page - RF Micro Devices RFSA4013 Datasheet HTML 4Page - RF Micro Devices RFSA4013 Datasheet HTML 5Page - RF Micro Devices RFSA4013 Datasheet HTML 6Page - RF Micro Devices RFSA4013 Datasheet HTML 7Page - RF Micro Devices RFSA4013 Datasheet HTML 8Page - RF Micro Devices RFSA4013 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3 of 16
RFSA4013
DS111221
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Measured Performance
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Insertion Loss versus Temperature
RF 2GHz, V
DD=5V
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
012345
6
Frequency (GHz)
Insertion Loss versus Frequency
Mode 1=High, Mode 2=Low, V
DD=5V
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
012345
6
Frequency (GHz)
Insertion Loss versus Frequency
Mode 1=High, Mode 2=High, V
DD=5V
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
-20
-18
-16
-14
-12
-10
-8
-6
-4
-2
0
012345
6
Frequency (GHz)
Insertion Loss versus Frequency
Mode 1=Low, Mode 2=High, V
DD=5V
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
-60
-40
-20
0
20
40
60
80
100
Temperature (
°C)
Input Return Loss versus Temperature
RF 2GHz, V
DD=5V
Mode1=High Mode2=Low
Mode1=High Mode2=High
Mode1=Low Mode2=High
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
012345
6
Frequency (GHz)
Input Return Loss versus Frequency
Mode 1=High, Mode 2=Low, V
DD=5V
-40°C
-20°C
0°C
20°C
40°C
60°C
80°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com