Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4023 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA4023
Description  TEMPERATURE COMPENSATING ATTENUATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4023 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA4023 Datasheet HTML 1Page - RF Micro Devices RFSA4023 Datasheet HTML 2Page - RF Micro Devices RFSA4023 Datasheet HTML 3Page - RF Micro Devices RFSA4023 Datasheet HTML 4Page - RF Micro Devices RFSA4023 Datasheet HTML 5Page - RF Micro Devices RFSA4023 Datasheet HTML 6Page - RF Micro Devices RFSA4023 Datasheet HTML 7Page - RF Micro Devices RFSA4023 Datasheet HTML 8Page - RF Micro Devices RFSA4023 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2 of 14
RFSA4023
DS140117
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to +4
V
Mode Pin Voltage (MODE 1)
-0.5 to +4
V
Mode Pin Voltage (MODE 2)
-0.5 to +4
V
RF Input Power
+30
dBm
Operating Temperature
-40 to +85
°C
Storage Temperature
-65 to +150
°C
Maximum Junction Temperature
+125
°C
ESD - Human Body Model (HBM)
1000
V
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
General
Supply Voltage (VDD)
3
3.3
3.5
V
Supply Current
1
mA
Operating Temperature
-40
85
°C
Thermal Resistance
45
°C/W
RF Input Power
27
dBm
RF Performance
Frequency Range
50
6000
MHz
Attenuation Slope
Mode1=Low Mode2=High
0.045
dB/°C
-40°C to 85°C
Attenuation Slope
Mode1=High Mode2=High
0.058
dB/°C
-40°C to 85°C
Attenuation Slope
Mode1=High Mode2=Low
0.066
dB/°C
-40°C to 85°C
Nominal +25°C Attenuation
Mode1=Low Mode2=High
5.6
dB
Nominal +25°C Attenuation
Mode1=High Mode2=High
6.70
dB
Nominal +25°C Attenuation
Mode1=High Mode2=Low
7.85
dB
Relative Phase
3
Deg
Insertion Phase at +25°C temperature relative
to max temperature
Return Loss
20
dB
Input 1dB Compression Point
30
dBm
Input IP3
45
55
dBm
PIN+(IM3dBC/2)
Input IP2
85
dBm
PIN+IM2dBC, IM2 is F1+F2
Input IH2
87
dBm
PIN+H2dBC, H2 is Second Harmonic
Input IH3
58
dBm
PIN+(H3dBC/2), H3 is Third Harmonic
Power Supply
MODE pin Logic Low
+0.4
V
MODE pin Logic High
1
V
NOTE: Typical performance at nominal conditions unless otherwise noted: Supply voltage=3.3V, Operating temperature=25°C, RF frequency
2GHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com