Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4023 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFSA4023
Description  TEMPERATURE COMPENSATING ATTENUATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4023 Datasheet(HTML) 1 Page - RF Micro Devices

  RFSA4023 Datasheet HTML 1Page - RF Micro Devices RFSA4023 Datasheet HTML 2Page - RF Micro Devices RFSA4023 Datasheet HTML 3Page - RF Micro Devices RFSA4023 Datasheet HTML 4Page - RF Micro Devices RFSA4023 Datasheet HTML 5Page - RF Micro Devices RFSA4023 Datasheet HTML 6Page - RF Micro Devices RFSA4023 Datasheet HTML 7Page - RF Micro Devices RFSA4023 Datasheet HTML 8Page - RF Micro Devices RFSA4023 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1 of 14
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
3
2
4
1
10
11
9
12
15
14
16
13
6
7
5
8
CONTROL
BLOCK
ATTEN
RFIN
RFOUT
NC
GND
NC
NC
NC
GND
RFSA4023
TEMPERATURE COMPENSATING ATTENUATOR
RFMD's RFSA4023 is a fully monolithic analog temperature compensating attenuator (TCA) fea-
turing exceptional linearity over its entire gain control range. It is designed to offset the gain
reduction of an RF component over temperature without the need for closed loop feedback.
Three customer selectable temperature coefficients make it a flexible solution for RF lineups. It
incorporates revolutionary new circuit architecture to solve a long standing industry problem
with regards to attenuator architecture: high IP3, low DC current and broad bandwidth. Tradi-
tional approaches for solving this problem require expensive co-fired ceramics with tempera-
ture sensitive materials or current hungry PIN diodes with elaborate area consuming control
circuits. This temperature compensating attenuator requires only a single supply voltage and
two logic bits to set control attenuation slope versus temperature. The RFSA4023 draws a very
low 1mA current and is packaged in a small 3mmx3mm QFN. This attenuator is matched to
50
 over its rated control range and frequency with no external matching components
required.
Features
Patent Pending Circuit
Architecture
Broadband 50MHz to 6000MHz
Frequency Range
3 Selectable Attenuation versus
Temperature Slopes
+55dBm IIP3 Typical
+85dBm IIP2 Typical
High 1dB Compression Point
>+30dBm
Low Supply Current 1mA Typical
3.3V Power Supply
Class 1C ESD ( 1000V )
Complete Solution in a Small
3mmx3mm QFN Package
5V Part Available - RFSA4013
Applications
Cellular, 3G Infrastructure
WiBro, WiMax, LTE
Microwave Radio
High-Linearity Level Control
DS140117
Package: QFN, 16-Pin, 0.9mmx3mmx3mm
RFSA4023SQ
Sample bag with 25 pieces
RFSA4023SR
7” Sample reel with 100 pieces
RFSA4023TR7
7” Reel with 2500 pieces
RFSA4023PCK-410 50MHz to 6000MHz PCBA with 5-piece sample bag


Similar Part No. - RFSA4023

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
logo
Qorvo, Inc
RFSA4013 QORVO-RFSA4013 Datasheet
2Mb / 17P
Temperature Compensating Attenuator
January 25, 2024
logo
RF Micro Devices
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
logo
Qorvo, Inc
RFSA4013PCK-410 QORVO-RFSA4013PCK-410 Datasheet
2Mb / 17P
Temperature Compensating Attenuator
January 25, 2024
logo
RF Micro Devices
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
More results

Similar Description - RFSA4023

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
NTE Electronics
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG5R8BD-W TAIYO-YUDEN-TMK042CG5R8BD-W Datasheet
394Kb / 3P
Multilayer Ceramic Capacitors (Temperature compensating type)
TMK042CG5R9BD-W TAIYO-YUDEN-TMK042CG5R9BD-W Datasheet
394Kb / 3P
Multilayer Ceramic Capacitors (Temperature compensating type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com