Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet (PDF) - Qorvo, Inc

RFSA4013 Datasheet PDF - Qorvo, Inc
Part # RFSA4013
Download  RFSA4013 Download
File Size   2678.0 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Temperature Compensating Attenuator

RFSA4013 Datasheet (PDF)

Go To PDF Page Download Datasheet
RFSA4013 Datasheet PDF - Qorvo, Inc

Part # RFSA4013
Download  RFSA4013 Click to download

File Size   2678.0 Kbytes
Page   17 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description Temperature Compensating Attenuator

RFSA4013 Datasheet (HTML) - Qorvo, Inc


RFSA4013 Product details

Key Features
• Patented Circuit Architecture
• 50 – 6000 MHz Frequency Range
• 3 Selectable Slopes of Attenuation vs. Temperature
• +55 dBm IIP3 Typical
• +85 dBm IIP2 Typical
• High P1dB, > +30 dBm
• Low Current Consumption, 1 mA Typical
• Single 5 Volt DC Supply

Applications
• Cellular Wireless Infrastructure
• WiBro, WiMax, LTE
• Microwave Radio
• High Linearity Level Control




Similar Part No. - RFSA4013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SR RFMD-RFSA4013SR Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013TR7 RFMD-RFSA4013TR7 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
More results


Similar Description - RFSA4013

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4023 RFMD-RFSA4023 Datasheet
1Mb / 14P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
NTE Electronics
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG5R8BD-W TAIYO-YUDEN-TMK042CG5R8BD-W Datasheet
394Kb / 3P
Multilayer Ceramic Capacitors (Temperature compensating type)
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com