Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet(PDF) 3 Page - Qorvo, Inc

Part # RFSA4013
Description  Temperature Compensating Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA4013 Datasheet(HTML) 3 Page - Qorvo, Inc

  RFSA4013 Datasheet HTML 1Page - Qorvo, Inc RFSA4013 Datasheet HTML 2Page - Qorvo, Inc RFSA4013 Datasheet HTML 3Page - Qorvo, Inc RFSA4013 Datasheet HTML 4Page - Qorvo, Inc RFSA4013 Datasheet HTML 5Page - Qorvo, Inc RFSA4013 Datasheet HTML 6Page - Qorvo, Inc RFSA4013 Datasheet HTML 7Page - Qorvo, Inc RFSA4013 Datasheet HTML 8Page - Qorvo, Inc RFSA4013 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RFSA4013
Temperature Compensating Attenuator
Datasheet Rev F, January 25, 2024 | Subject to change without notice
3 of 17
www.qorvo.com
®
Evaluation Board and Schematic
– RFSA4013EVB-01
EVB Schematic
EVB Top View
Bill of Material
– RFSA4013EVB-01
Reference Des.
Value Description
Manuf.
Part Number
U1
-
TCA, 50 to 4000MHz, 5V, SOI
Qorvo
RFSA4013
PCB
-
PCB, SA2013
Qorvo
SA2013-410(A)
C1, C2, C7, C8, C9
1000 pF
CAP, 1000 pF 10%, 50V, X7R, 0402
Murata
GRM155R71H102KA01D
C4
1 µF
CAP, 1 µF 10%, 16V, X7R, 1206
Murata
GRM31MR71E105KC01L
R5
100
Ω
RES, 100
Ω, 5%, 1/16W, 0402
Various
-
J1, J2
SMA
CON, SMA, EL
MINI, 0.068”
Aliner
20-001CF-T
P1, P2
-
CON, HDR ST, 4-PIN
, 0.100”, T/H
MOLEX
22-28-4043
C3, C5, C6, R1, R2, R3, R4
DNP
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com