Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet(PDF) 1 Page - Qorvo, Inc

Part # RFSA4013
Description  Temperature Compensating Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA4013 Datasheet(HTML) 1 Page - Qorvo, Inc

  RFSA4013 Datasheet HTML 1Page - Qorvo, Inc RFSA4013 Datasheet HTML 2Page - Qorvo, Inc RFSA4013 Datasheet HTML 3Page - Qorvo, Inc RFSA4013 Datasheet HTML 4Page - Qorvo, Inc RFSA4013 Datasheet HTML 5Page - Qorvo, Inc RFSA4013 Datasheet HTML 6Page - Qorvo, Inc RFSA4013 Datasheet HTML 7Page - Qorvo, Inc RFSA4013 Datasheet HTML 8Page - Qorvo, Inc RFSA4013 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
RFSA4013
Temperature Compensating Attenuator
Datasheet Rev F, January 25, 2024 | Subject to change without notice
1 of 17
www.qorvo.com
®
16-Pin
mm x 3 mm leadless QFN Package
Applications
• Cellular Wireless Infrastructure
• WiBro, WiMax, LTE
• Microwave Radio
• High Linearity Level Control
Product Overview
The RFSA4013 is a monolithic analog temperature
compensating attenuator (TCA) featuring exceptional
linearity. It is designed to offset the gain reduction of an
RF component over temperature without the need for
closed loop feedback. Three customer selectable
temperature coefficients provide a flexible solution for RF
lineups. The RFSA4013 incorporates revolutionary new
circuit architecture to solve a long-standing industry
problem with regards to attenuator architecture: high IP3,
low DC current and broad bandwidth. Traditional
approaches require expensive co-fired ceramics with
temperature sensitive materials or current hungry PIN
diodes with elaborate area consuming control circuits.
This temperature compensating attenuator requires only a
single supply voltage and two logic bits to set the slope of
attenuation versus temperature.
The RFSA4013 draws about 1mA current. This attenuator
is internally matched to 50
Ω over frequency and working
modes with no external matching required.
The RFSA4013 is packaged in a RoHS-compliant, compact
3
 mm x 3 mm QFN package.
Key Features
• Patented Circuit Architecture
• 50 – 6000 MHz Frequency Range
• 3 Selectable Slopes of Attenuation vs. Temperature
• +55 dBm IIP3 Typical
• +85 dBm IIP2 Typical
• High P1dB, > +30 dBm
• Low Current Consumption, 1 mA Typical
• Single 5 Volt DC Supply
Functional Block Diagram
Top View
Ordering Information
Part No.
Description
RFSA4013TR7
2500 pcs on 7
” reel (standard)
RFSA4013PCK-410
50 MHz-6.0 GHz Evaluation Kit


Similar Part No. - RFSA4013

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013PCK-410 RFMD-RFSA4013PCK-410 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SQ RFMD-RFSA4013SQ Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013SR RFMD-RFSA4013SR Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4013TR7 RFMD-RFSA4013TR7 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
More results

Similar Description - RFSA4013

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE601 NTE-NTE601 Datasheet
15Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A Datasheet
19Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE600 NTE-NTE600 Datasheet
69Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE601 NTE-NTE601_13 Datasheet
56Kb / 1P
Silicon Varistor Temperature Compensating Diode
NTE605A NTE-NTE605A_07 Datasheet
71Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
RF Micro Devices
RFSA4013 RFMD-RFSA4013 Datasheet
1Mb / 16P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4023 RFMD-RFSA4023 Datasheet
1Mb / 14P
TEMPERATURE COMPENSATING ATTENUATOR
RFSA4033 RFMD-RFSA4033 Datasheet
3Mb / 17P
Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
logo
NTE Electronics
NTE60A NTE-NTE60A_15 Datasheet
61Kb / 1P
Silicon Varistor Temperature Compensating Diode
logo
Taiyo Yuden (U.S.A.), I...
TMK042CG5R8BD-W TAIYO-YUDEN-TMK042CG5R8BD-W Datasheet
394Kb / 3P
Multilayer Ceramic Capacitors (Temperature compensating type)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com