Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4013 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # RFSA4013
Description  Temperature Compensating Attenuator
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

RFSA4013 Datasheet(HTML) 2 Page - Qorvo, Inc

  RFSA4013 Datasheet HTML 1Page - Qorvo, Inc RFSA4013 Datasheet HTML 2Page - Qorvo, Inc RFSA4013 Datasheet HTML 3Page - Qorvo, Inc RFSA4013 Datasheet HTML 4Page - Qorvo, Inc RFSA4013 Datasheet HTML 5Page - Qorvo, Inc RFSA4013 Datasheet HTML 6Page - Qorvo, Inc RFSA4013 Datasheet HTML 7Page - Qorvo, Inc RFSA4013 Datasheet HTML 8Page - Qorvo, Inc RFSA4013 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RFSA4013
Temperature Compensating Attenuator
Datasheet Rev F, January 25, 2024 | Subject to change without notice
2 of 17
www.qorvo.com
®
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−65 to +150 °C
Supply Voltage (VDD)
−0.5 to +6.0 V
Mode Select Pin Voltage (MODE1 & 2)
−0.5 to +6.0 V
RF Input Power
+30 dBm
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Recommended Operating Conditions
Parameter
Min
Typ
Max Units
VDD
+4.75
+5
+5.25
V
Operating Temperature
−40
+85
°C
RF Input Power
+27
dBm
Tj, MTTF > 1e5 hours
+125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions. Temperature reference point is 3mm from the corner between
pins 16 and 17 on the PCB copper.
Electrical Specifications
Test conditions unless otherwise noted: VDD = +5
V, Temp = +25 °C on Qorvo EVB, 50 Ω system.
Parameter
Conditions
Min
Typ
Max
Units
Operating Frequency
50
6000
MHz
Test Frequency
2000
MHz
Attenuation Slope
MODE1 Low and MODE2 High
0.043
dB/°C
MODE1 High and MODE2 High
0.058
dB/°C
MODE1 High and MODE2 Low
0.066
dB/°C
Nominal Attenuation at +25°C
MODE1 Low and MODE2 High
5.40
dB
MODE1 High and MODE2 High
6.35
dB
MODE1 High and MODE2 Low
7.40
dB
Relative Insertion Phase
3
Deg
Return Loss
Input and Output
20
dB
Input P1dB
30
dBm
Input IP3
PIN + IMD3(dBc)/2
45
55
dBm
Input IP2
PIN + IMD2(dBc); IMD2 at F1+F2
85
dBm
Input IH2
PIN + H2(dBc); H2-Second order Harmonic
87
dBm
Input IH3
PIN + H3(dBc)/2; H3-Third order Harmonic
59
dBm
Mode Control Threshold Voltages
MODE1 and MODE2 Logic Low
+0.4
V
MODE1 and MODE2 Logic High
+1.0
Attenuation Temperature Coefficient Table
MODE1
MODE2
Attn. Slope
Attn. @ +25°C
0
1
0.043 dB/°C
5.40 dB
1
1
0.058 dB/°C
6.35 dB
1
0
0.066 dB/°C
7.40 dB
0
0
Not Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com