Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4033 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFSA4033
Description  Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4033 Datasheet(HTML) 2 Page - RF Micro Devices

  RFSA4033 Datasheet HTML 1Page - RF Micro Devices RFSA4033 Datasheet HTML 2Page - RF Micro Devices RFSA4033 Datasheet HTML 3Page - RF Micro Devices RFSA4033 Datasheet HTML 4Page - RF Micro Devices RFSA4033 Datasheet HTML 5Page - RF Micro Devices RFSA4033 Datasheet HTML 6Page - RF Micro Devices RFSA4033 Datasheet HTML 7Page - RF Micro Devices RFSA4033 Datasheet HTML 8Page - RF Micro Devices RFSA4033 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150225
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 17
RFSA4033
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage (VDD)
-0.5 to 6.0
V
Logic Control Voltage
-0.5 to VDD
V
Maximum CW Input Power
30
dBm
Storage Temperature Range
-65 to +150
°C
ESD Rating - Human Body Model (HBM)
2000
V
Moisture Sensitivity Level
MSL2
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of antimony
trioxide in polymeric materials and red
phosphorus as a flame retardant, and
<2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+105
°C
Operating Junction Temperature
+125
°C
Supply Voltage (VDD)
3.0
5.5
V
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Supply and Interface
Requirements
Supply Current (IDD)
7
10
mA
Attenuation Bits (ATTN)
3
8 Nominal insertion loss states at 25°C
Slope Bits (SLP)
3
8 (Insertion loss versus temperature) slope states
Control Pins Logic Low
0.8
V
Control Pins Logic High
2.0
V
Thermal Resistance
45
°C/W
RF Input Power
27
dBm
General Performance
Typical Performance: VDD = 5V, Temp = 25°C, RF
Frequency = 2000MHz
Frequency Range
5
6000
MHz
Nominal Attenuation
3
10
dB
At +25°C, selectable in 1dB steps
Nominal Attenuation Accuracy
(See Table Below)
See Table
dB
At +25°C
Temperature Coefficient
3
10
mdB/°C
Selectable in 1mdB/°C increments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com