Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFSA4033 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFSA4033
Description  Programmable Temperature Compensating Attenuator 5MHz to 6000MHz
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFSA4033 Datasheet(HTML) 3 Page - RF Micro Devices

  RFSA4033 Datasheet HTML 1Page - RF Micro Devices RFSA4033 Datasheet HTML 2Page - RF Micro Devices RFSA4033 Datasheet HTML 3Page - RF Micro Devices RFSA4033 Datasheet HTML 4Page - RF Micro Devices RFSA4033 Datasheet HTML 5Page - RF Micro Devices RFSA4033 Datasheet HTML 6Page - RF Micro Devices RFSA4033 Datasheet HTML 7Page - RF Micro Devices RFSA4033 Datasheet HTML 8Page - RF Micro Devices RFSA4033 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS150225
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 17
RFSA4033
Parameter
Specification
Unit
Condition
Min
Typ
Max
General Performance -
Continued
Typical Performance: VDD = 5V, Temp = 25°C, RF
Frequency = 2000MHz
Temperature Coefficient Accuracy
±1
mdB/°C
Per dB of nominal attenuation
Nominal Impedance
50
Ω
Input Return Loss
18
dB
Output Return Loss
18
dB
Input P1dB
30
dBm
Input IP2
80
dBm
F1 + F2 input intercept point, Pin + (POUT – IM2)
Input IP3
45
52
dBm
Input IH2
86
dBm
2F input intercept point, Pin + (POUT – F2)
Input IH3
58
dBm
3F input intercept point, Pin + (POUT – F3) /2
Nominal Attenuation Accuracy Table
Nominal Attenuation Accuracy
Typical
Unit
3
2.7
dB
4
3.6
dB
5
4.6
dB
6
5.7
dB
7
6.8
dB
8
7.9
dB
9
9.0
dB
10
10.1
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com