Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVA0016 Datasheet(PDF) 13 Page - RF Micro Devices

Part # RFVA0016
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA0016 Datasheet(HTML) 13 Page - RF Micro Devices

Back Button RFVA0016 Datasheet HTML 9Page - RF Micro Devices RFVA0016 Datasheet HTML 10Page - RF Micro Devices RFVA0016 Datasheet HTML 11Page - RF Micro Devices RFVA0016 Datasheet HTML 12Page - RF Micro Devices RFVA0016 Datasheet HTML 13Page - RF Micro Devices RFVA0016 Datasheet HTML 14Page - RF Micro Devices RFVA0016 Datasheet HTML 15Page - RF Micro Devices RFVA0016 Datasheet HTML 16Page - RF Micro Devices RFVA0016 Datasheet HTML 17Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13 of 19
RFVA0016
DS140422
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Evaluation Board Bill of Materials (BOM)
2110MHz to 2170MHz Application Circuit
Description
Reference
Designator
Manufacturer
Manufacturer's P/N
VA0016410(A)
DDI
VA0016410(A)
CAP, 0.1uF, 10%, 16V, X7R, 0402
C1-C2, C15
Murata Electronics
GRM155R71C104KA88D
CAP, 100pF, 5%, 50V, C0G, 0402
C24
Murata Electronics
GRM1555C1H101JA01D
CAP, 1000pF, 10%, 50V, X7R, 0402
C5-C6, C8
Murata Electronics
GRM155R71H102KA01D
CAP, 10pF, 5%, 50V, C0G, 0402
C7, C25
Murata Electronics
GRM1555C1H100JZ01E
CAP, 100pF, 5%, 25V, C0G, 0201
C12, C28
Murata Electronics
GRM0335C1E101JD01D
CAP, 0.1pF, +/-0.05pF, 25V, C0G, 0201
C16
Murata Electronics
GRM0335C1ER10WZ01D
CAP, 2pF, +/-0.1pF, 25V, C0G, 0201
C29, C10
Murata Electronics
GRM0335C1E2R0BD01D
CAP, 1.5pF, +/-0.1pF, 25V, C0G, 0201
C9
Murata Electronics
GRM0335C1E1R5BD01E
CAP, 2.1pF, +/-0.1pF, 25V, C0G, 0201
C19
Murata Electronics
GRM0335C1E2R1BD01E
CAP, 2.2pF, +/-0.1pF, 25V, C0G, 0201
C21
Murata Electronics
GRM0335C1E2R2BD01D
IND, 27nH, 5%, M/L, 0402
L1
Murata Electronics
LQG15HN27NJ02D
IND, 5.1nH, 3%, T/F, HI-Q, 0201
L5
Murata Electronics
LQP03TN5N1H02D
IND, 0.6nH, +/-0.1nH, T/F, HI-Q, 0201
L12
Murata Electronics
LQP03TN0N6B02D
IND, 1.8nH, +/-0.1nH, T/F, HI-Q, 0201
L2
Murata Electronics
LQP03TN1N8B02D
RES, 1.5K, 5%, 1/20W, 0201
R1
Kamaya, Inc
RMC1/20-152JPA15
RES, 100Ω, 5%, 1/20W, 0201
R2
Kamaya, Inc
RMC1/20-101JPA15
RES, 0Ω, 0201
R3, R9, R12
Kamaya, Inc
RMC1/20JPPA15
RES, 2.2K, 5%, 1/20W, 0201
R10
Kamaya, Inc
RMC1/20-222JPA15
RES, 0Ω, 0402
R16
Kamaya, Inc
RMC1/16SJPTH
CONN, SMA, END LNCH, UNIV, HYB
MNT, FLT
J1-J4
HEILIND ELECTRONICS
PER MAT-21-1038
CONN, HDR, ST, PLRZD, 8-PIN
P1
ITW Pancon
MPSS100-8-C
DNP
C3-C4, C11, C13-C14, C17-C18,
C20, C22-C23, C26-C27, C30-C32,
R4-R8, R11, R13-R15, L7, L9, L11,
L13
RFVA0016 Module
U1
RFMD
RFVA0016



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com