Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFVA0016 Datasheet(PDF) 9 Page - RF Micro Devices

Part # RFVA0016
Description  ANALOG CONTROLLED VARIABLE GAIN AMPLIFIER 400MHz TO 2810MHz
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFVA0016 Datasheet(HTML) 9 Page - RF Micro Devices

Back Button RFVA0016 Datasheet HTML 5Page - RF Micro Devices RFVA0016 Datasheet HTML 6Page - RF Micro Devices RFVA0016 Datasheet HTML 7Page - RF Micro Devices RFVA0016 Datasheet HTML 8Page - RF Micro Devices RFVA0016 Datasheet HTML 9Page - RF Micro Devices RFVA0016 Datasheet HTML 10Page - RF Micro Devices RFVA0016 Datasheet HTML 11Page - RF Micro Devices RFVA0016 Datasheet HTML 12Page - RF Micro Devices RFVA0016 Datasheet HTML 13Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
9 of 19
RFVA0016
DS140422
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Typical Performance: 2620MHz to 2690MHz Application Circuit
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Control (V)
Output Return Loss versus Voltage Control
versus Temperature at 2650MHz
-40°C
25°C
85°C
-40
-35
-30
-25
-20
-15
-10
-5
0
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
Voltage Control (V)
Input Return Loss versus Voltage Control
versus Temperature at 2650MHz
-40°C
25°C
85°C
-30
-25
-20
-15
-10
-5
0
2615
2625
2635
2645
2655
2665
2675
2685
2695
Frequency (MHz)
Output Return Loss versus Frequency
versus Voltage Control
0V
1.2V
1.6V
2V
2.4V
-30
-25
-20
-15
-10
-5
0
2620
2630
2640
2650
2660
2670
2680
2690
Frequency (MHz)
Input Return Loss versus Frequency versus
Voltage Control
0V
1.2V
1.6V
2V
2.4V
5
6
7
8
9
10
11
12
13
14
15
16
2620
2630
2640
2650
2660
2670
2680
2690
Frequency (MHz)
Noise Figure versus Frequency versus
Voltage Control
0V
1.2V
1.6V
2V
2.4V
-70
-69
-68
-67
-66
-65
-64
-63
-62
-61
-16
-15.5
-15
-14.5
-14
-13.5
-13
Input Power (dBm)
ACPR verses Input Power verses
Temperature at 2650MHz
Output Power 10dBm
-40°C
25°C
85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com