Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1193A Datasheet(PDF) 21 Page - RF Micro Devices

Part # RF1193A
Description  SP10T ANTENNA SWITCH MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1193A Datasheet(HTML) 21 Page - RF Micro Devices

Back Button RF1193A Datasheet HTML 15Page - RF Micro Devices RF1193A Datasheet HTML 16Page - RF Micro Devices RF1193A Datasheet HTML 17Page - RF Micro Devices RF1193A Datasheet HTML 18Page - RF Micro Devices RF1193A Datasheet HTML 19Page - RF Micro Devices RF1193A Datasheet HTML 20Page - RF Micro Devices RF1193A Datasheet HTML 21Page - RF Micro Devices RF1193A Datasheet HTML 22Page - RF Micro Devices RF1193A Datasheet HTML 23Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
21 of 23
RF1193A
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
‐50
‐45
‐40
‐35
‐30
‐25
‐20
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
TRX1 to RX1, RX2, RX3, RX4 (824‐960MHz)
RX1
RX2
RX3
RX4
‐52
‐50
‐48
‐46
‐44
‐42
‐40
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
TRX2 to RX1, RX2, RX3, RX4 (824‐960MHz)
RX1
RX2
RX3
RX4
‐50
‐49
‐48
‐47
‐46
‐45
‐44
‐43
‐42
‐41
‐40
824
844
864
884
904
924
944
GSM LB TX to RX1, RX2, RX3, RX4 (824‐960MHz)
RX1
RX2
RX3
RX4
‐45
‐44
‐43
‐42
‐41
‐40
‐39
‐38
‐37
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
GSM LB TX to TRX1, TRX2, TRX3, TRX4 (824‐960MHz)
TRX1
TRX2
TRX3
TRX4
‐45
‐44
‐43
‐42
‐41
‐40
‐39
‐38
‐37
‐36
‐35
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
TRX1 to TRX2, TRX3, TRX4 (824‐960MHz)
TRX2
TRX3
TRX4
‐45
‐43
‐41
‐39
‐37
‐35
‐33
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (dB)
TRX2 to TRX1, TRX3, TRX4 (824‐960MHz)
TRX1
TRX3
TRX4
‐45
‐43
‐41
‐39
‐37
‐35
‐33
‐31
‐29
‐27
‐25
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
TRX3 to TRX1, TRX2, TRX4 (824‐960MHz)
TRX1
TRX2
TRX4
‐45
‐40
‐35
‐30
‐25
‐20
824
844
864
884
904
924
944
Isolation 
(dB)
Frequency (MHz)
TRX4 to TRX1, TRX2, TRX3 (824‐960MHz)
TRX1
TRX2
TRX3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com