Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF1193A Datasheet(PDF) 7 Page - RF Micro Devices

Part # RF1193A
Description  SP10T ANTENNA SWITCH MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF1193A Datasheet(HTML) 7 Page - RF Micro Devices

Back Button RF1193A Datasheet HTML 3Page - RF Micro Devices RF1193A Datasheet HTML 4Page - RF Micro Devices RF1193A Datasheet HTML 5Page - RF Micro Devices RF1193A Datasheet HTML 6Page - RF Micro Devices RF1193A Datasheet HTML 7Page - RF Micro Devices RF1193A Datasheet HTML 8Page - RF Micro Devices RF1193A Datasheet HTML 9Page - RF Micro Devices RF1193A Datasheet HTML 10Page - RF Micro Devices RF1193A Datasheet HTML 11Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
7 of 23
RF1193A
DS111104
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
UMTS 1, 2, 3, 4 - High Band
(continued)
Isolation (continued)
TRX4 - TX1
50
58
dB
1710MHz to 1910MHz, 1910MHz to 1980MHz
TRX4 - TX2
30
35
dB
TRX4 - TRX1, TRX2
25
31
dB
1710MHz to 1910MHz
TRX4 - TRX3
19
21
dB
TRX4 - TRX1
27
30
dB
1910MHz to 1980MHz
TRX4 - TRX2
27
30
dB
TRX4 - TRX3
18
21
dB
Harmonics
UMTS 1, 2, 3, 4 - ANT, 2f0
62
94
dBc
PIN = 26dBm, CW
UMTS 1, 2, 3, 4 - ANT, 3f0
62
84
dBc
UMTS 1, 2, 3, 4 - ANT, up to
12.75GHz
62
100
dBc
IMD2
TRX1 - ANT
-115
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 80MHz at -15dBm
Receive Freq: 1960MHz
-111
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 3840MHz at -15dBm
Receive Freq: 1960MHz
-114
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 190MHz at -15dBm
Receive Freq: 2140MHz
-111
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 4090MHz at -15dBm
Receive Freq: 2140MHz
TRX2 - ANT
-107
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 80MHz at -15dBm
Receive Freq: 1960MHz
-108
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 3840MHz at -15dBm
Receive Freq: 1960MHz
-114
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 190MHz at -15dBm
Receive Freq: 2140MHz
-109
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 4090MHz at -15dBm
Receive Freq: 2140MHz
TRX3 - ANT
-110
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 80MHz at -15dBm
Receive Freq: 1960MHz
-108
-105
dBm
Tone 1: 1880MHz at 20dBm
Tone 2: 3840MHz at -15dBm
Receive Freq: 1960MHz
-113
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 190MHz at -15dBm
Receive Freq: 2140MHz
-108
-105
dBm
Tone 1: 1950MHz at 20dBm
Tone 2: 4090MHz at -15dBm
Receive Freq: 2140MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com