Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3833 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF3833
Description  25W GaN Wide-Band Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3833 Datasheet(HTML) 2 Page - RF Micro Devices

  RF3833 Datasheet HTML 1Page - RF Micro Devices RF3833 Datasheet HTML 2Page - RF Micro Devices RF3833 Datasheet HTML 3Page - RF Micro Devices RF3833 Datasheet HTML 4Page - RF Micro Devices RF3833 Datasheet HTML 5Page - RF Micro Devices RF3833 Datasheet HTML 6Page - RF Micro Devices RF3833 Datasheet HTML 7Page - RF Micro Devices RF3833 Datasheet HTML 8Page - RF Micro Devices RF3833 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PRELIMINARY
RF3833
2 of 10
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140121
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
Absolute Maximum Ratings
Parameter
Rating
Unit
Drain Voltage (VD)
150
V
Gate Voltage (VG)
-8 to +2
V
Operational Voltage
50
V
RF - Input Power
36
dBm
Ruggedness (VSWR)
10:1
Storage Temperature Range
-55 to +125
°C
Operating Temperature Range (Tc)
-40 to +85
°C
Operating Junction Temperature (TJ)
200
°C
Human Body Model
Class 1A
MTTF (TJ < 200 °C, 95% Confidence Limits)*
3E + 06
Hours
Thermal Resistance, RTH (junction to case)
measured at TC = 85
0C, DC bias only
5.2
°C/W
Caution! ESD sensitive device.
RoHS (Restriction of Hazardous
Substances): Compliant per EU Directive
2011/65/EU.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Nominal Operating Parameters
Parameter
Specification
Unit
Condition
Min
Typ
Max
Recommended Operating
Conditions
Drain Voltage (VDSQ)
48
V
Can also be operated at 28V with reduced POUT
Gate Voltage (VGSQ)
-2.5
V
Drain Bias Current
88
mA
RF Input Power (PIN)
35
dBm
Input Source VSWR
10:1
Maximum Gate Current (Ig)
15.25
mA
P3dB, CW
RF Performance Characteristics
Frequency Range
30
2000
MHz
Small signal 3dB bandwidth
Linear Gain
14.8
dB
PIN = 0dBm, 30MHz to 2000MHz
Power Gain
11.6
dB
PIN = 33dBm, 30MHz to 2000MHz
Gain Variation with Temperature
-0.02
dB/ºC
Input Return Loss (S11)
-10
dB
Output Power (P3dB)
44
dBm
30MHz to 2000MHz
Power Added Efficiency (PAE)
45
%
30MHz to 2000MHz
* MTTF
– median time to failure for wear-out failure mode (30% Idss degradation) which is determined by the technology process reliability. Refer to
product qualification report for FIT (random) failure rate.
Operation of this device beyond any one of these limits may cause permanent damage. For reliable continuous operation, the device voltage and
current must not exceed the maximum operating values specified in the table on page two.
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC) / RTH J - C and TC = TCASE
Bias Conditions should also satisfy the following expression: PDISS < (TJ – TC) / RTH J-C and TC = TCASE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com