Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF3833 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3833
Description  25W GaN Wide-Band Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3833 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3833 Datasheet HTML 1Page - RF Micro Devices RF3833 Datasheet HTML 2Page - RF Micro Devices RF3833 Datasheet HTML 3Page - RF Micro Devices RF3833 Datasheet HTML 4Page - RF Micro Devices RF3833 Datasheet HTML 5Page - RF Micro Devices RF3833 Datasheet HTML 6Page - RF Micro Devices RF3833 Datasheet HTML 7Page - RF Micro Devices RF3833 Datasheet HTML 8Page - RF Micro Devices RF3833 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140121
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 10
PRELIMINARY
RF3833
25W GaN Wide-Band Power Amplifier
30MHz to 2000MHz
The RF3833 is a wideband Power Amplifier designed for CW and pulsed
applications such as wireless infrastructure, RADAR, two way radios, and
general purpose amplification. Using an advanced high power density
Gallium Nitride (GaN) semiconductor process, these high-performance
amplifiers achieve high efficiency, flat gain, and large instantaneous
bandwidth in a single amplifier design. The RF3833 is an input matched
GaN transistor packaged in an air cavity copper package which provides
excellent thermal stability through the use of advanced heat-sink and
power dissipation technologies. Ease of integration is accomplished
through the incorporation of optimized input matching network within the
package that provides wideband gain and power performance in a single
amplifier. An external output match offers the flexibility of further
optimizing power and efficiency for any sub-band within the overall
bandwidth.
Functional B
Functional Block Diagram
Ordering Information
RF3833S2
Sample bag with 2 pieces
RF3833SB
Bag with 5 pieces
RF3833SQ
Bag with 25 pieces
RF3833SR
Short Reel with 100 pieces
RF3833TR7
7" Reel with 750 pieces
RF3833PCBA-410
Evaluation Board: 30MHz to 2000MHz; 48V operation
Package: Air-Cavity Cu
Features
■
Advanced GaN HEMT Technology
■
Output Power of 25W
■
Advanced Heat-Sink Technology
■
30MHz to 2000MHz Instantaneous
Bandwidth
■
Input Internally Matched to 50
Ω
■
48V Operation Typical
Performance
POUT 44.5dBm
Gain 11.5dB
Power Added Efficiency 50%
(30MHz to 2000MHz)
■
-40°C to 85°C Operating
Temperature
■
Large Signal Models Available
■
EAR99 Export Control
Applications
■
Class AB Operation for Public
Mobile Radio
■
Power Amplifier Stage for
Commercial Wireless Infrastructure
■
General Purpose Tx Amplification
■
Test and Instrumentation
■
Civilian and Military Radar
RF3833


Similar Part No. - RF3833

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3833

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RFHA1004 RFMD-RFHA1004 Datasheet
946Kb / 11P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com