Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5620 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5620
Description  INTEGRATED SWITCH MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5620 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5620 Datasheet HTML 1Page - RF Micro Devices RF5620 Datasheet HTML 2Page - RF Micro Devices RF5620 Datasheet HTML 3Page - RF Micro Devices RF5620 Datasheet HTML 4Page - RF Micro Devices RF5620 Datasheet HTML 5Page - RF Micro Devices RF5620 Datasheet HTML 6Page - RF Micro Devices RF5620 Datasheet HTML 7Page - RF Micro Devices RF5620 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2 of 8
RF5620
Proposed
Prelim DS110311
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
-0.5 to +5.25
V
Power Control Voltage (V
REG)
-0.5 to +6.0
V
DC Supply Current
TBD
mA
Input RF Power with 50
 Output
Load
TBD
dBm
Input RF Power with Non-50
Output Load
TBD
dBm
Operating Ambient Temperature
-30 to +85
°C
Storage Temperature
-40 to +150
°C
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency
700
2700
MHz
Compliance with 802.16e standard
Tx Insertion Loss - Tx to
ANT1,2
1.2
1.5
dB
Rx Insertion Loss - Rx to
ANT1,2
0.7
1
dB
Frequency
3300
3800
MHz
Tx Insertion Loss - Tx to
ANT1,2
1.5
1.8
dB
Rx Insertion Loss - Rx to
ANT1,2
0.9
1.2
dB
Tx - ANT Isolation
25
28
dB
Tx - ANT 1 & 2
Rx - ANT Isolation
25
28
dB
Rx1,2 to ANT 1,2
Return Loss (ON State)
15
20
dB
Tx - ANT 1, 2
Return Loss (OFF State)
15
20
dB
Rx1,2 to ANT 1, 2
Input P1dB
38
40
28.5
dBm
AT Vcontrol=3.0V
IIP3
TBD
dBm
Switching Speed
300
500
nsec
50% CTL to 90%/10% RF
Switching Speed
150
300
nsec
90%/10% RF to 10%/90% RF
Control Voltage High
2.5
3
5
V
Control Voltage Low
0
0.2
V
Control Current
5
A
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com