Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5620 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5620
Description  INTEGRATED SWITCH MODULE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5620 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5620 Datasheet HTML 1Page - RF Micro Devices RF5620 Datasheet HTML 2Page - RF Micro Devices RF5620 Datasheet HTML 3Page - RF Micro Devices RF5620 Datasheet HTML 4Page - RF Micro Devices RF5620 Datasheet HTML 5Page - RF Micro Devices RF5620 Datasheet HTML 6Page - RF Micro Devices RF5620 Datasheet HTML 7Page - RF Micro Devices RF5620 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1 of 8
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
RX1
TX
ANT1
RX2
ANT2
VRX1A
VTX2
VTX1
VRX1B
VRX2A
VRX2B
Switch Module Block Diagram
RF5620
2.5V TO 5.0V, 700MHZ TO 3.8GHZ
INTEGRATED SWITCH MODULE
This module is a 1x2 switch module intended to address WiMAX, WiFi, and Cellular
700MHz to 2.7GHz, 3.3GHz to 3.8GHz applications. This switch is specified to be
capable of supporting linear power levels over 1 watt. The small form factor and
integrated DC blocking minimizes the layout size and reduces the number of exter-
nal components. The device is provided in a 4mm x 4mm x 0.9mm LGA package.
This module meets or exceeds the RF Front End needs of IEEE802.11b/g/n and
IEEE802.16 systems.
Features
Single Voltage: 2.5 to 5.0V
40dBm P1dB at 3.0V
Low Insertion Loss and High
Isolation
Antenna Diversity
Applications
WiMAX, WiFi, and Cellular
Commercial and Consumer
Systems
Prelim DS110311
Proposed
Package: Laminate Packge, 16-Pin, 4mm x 4mm x 0.9mm
2.5V to
5.0V, 700MHZ
to 3.8GHZ
Integrated
Switch Module
RF5620
2.5V to 5.0V, 700MHZ to 3.8GHZ Integrated Switch Module
RF5620PCBA-410
Fully Assembled Evaluation Board


Similar Part No. - RF5620

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5622 RFMD-RF5622 Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622PCBA-41X RFMD-RF5622PCBA-41X Datasheet
79Kb / 2P
3.0V TO 4.5V, 2.4GHz TO 2.5GHz LINEAR POWER AMPLIFIER
RF5622 RFMD-RF5622_11 Datasheet
200Kb / 9P
LINEAR POWER AMPLIFIER
RF5623 RFMD-RF5623 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
RF5623H50PCBA-410 RFMD-RF5623H50PCBA-410 Datasheet
3Mb / 18P
SINGLE 5.0V, 3.3 TO 3.8 GHZ LINEAR POWER AMPLIFIER
More results

Similar Description - RF5620

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDC6325L FAIRCHILD-FDC6325L Datasheet
98Kb / 5P
Integrated Load Switch
FDC6329L FAIRCHILD-FDC6329L Datasheet
282Kb / 7P
Integrated Load Switch
FDC6330L FAIRCHILD-FDC6330L Datasheet
185Kb / 7P
Integrated Load Switch
FDC6331L FAIRCHILD-FDC6331L Datasheet
57Kb / 4P
Integrated Load Switch
FDG6324L FAIRCHILD-FDG6324L Datasheet
173Kb / 7P
Integrated Load Switch
FDG6342L FAIRCHILD-FDG6342L Datasheet
1Mb / 4P
Integrated Load Switch
logo
Infineon Technologies A...
BGSF110GN26 INFINEON-BGSF110GN26_15 Datasheet
930Kb / 23P
Antenna Switch Module with integrated GPIO interface
Revision: Rev. 1.0 2014-11-28
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
BGSF18DM20 INFINEON-BGSF18DM20 Datasheet
1Mb / 17P
SP8T Antenna Switch Module with integrated SPI controller
Revision 2.4, 2013-05-31
logo
ON Semiconductor
FDC6329L ONSEMI-FDC6329L Datasheet
427Kb / 4P
Integrated Load Switch
October-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com