Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5840 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RF5840
Description  Mobile Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5840 Datasheet(HTML) 2 Page - RF Micro Devices

  RF5840 Datasheet HTML 1Page - RF Micro Devices RF5840 Datasheet HTML 2Page - RF Micro Devices RF5840 Datasheet HTML 3Page - RF Micro Devices RF5840 Datasheet HTML 4Page - RF Micro Devices RF5840 Datasheet HTML 5Page - RF Micro Devices RF5840 Datasheet HTML 6Page - RF Micro Devices RF5840 Datasheet HTML 7Page - RF Micro Devices RF5840 Datasheet HTML 8Page - RF Micro Devices RF5840 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2 of 9
RF5840
DS120516
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Absolute Maximum Ratings
Parameter
Rating
Unit
Supply Voltage
5
V
Ruggedness Output VSWR
10:1
Stability Output VSWR
5:1
ESD Human Body Model
150
V
ESD Device Model
500
V
Operating Temperature Range
-40 to +85
°C
Storage Temperature
-40 to +150
°C
Moisture Sensitivity Level
MSL2
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
2.4GHz to 2.5GHz Switch
Transmit and Receive
Parameters
Unless otherwise noted the following condi-
tions apply: Control voltage = 1.8V,
Temp = -40°C to +85°C, over frequency range,
and over VDD range
Frequency
2.4
2.5
GHz
Insertion Loss
0.8
2.0
dB
All ports
Insertion Loss (Simultaneous
Mode)
3.8
4.2
dB
See logic table
Passband Ripple
-0.2
+0.2
dB
Input/Output Power
18
22
dBm
EVM < 1%; VCONTROL = 1.8V VDD = 1.8V
P1dB
20
25
dBm
Tx and Rx Ports, VCONTROL = 1.8V VDD = 1.8V
20
25
dBm
BT port, VCONTROL 1.8V, VDD - 1.8V
Input Return Loss
15
18
dB
Output Return Loss
15
18
dB
Current Consumption
1
10
A
Switch operating current
Port Impedance
All ports
Input
50
Receive
Output
50
Transmit
Isolation
20
25
dB
All RF Ports
Voltage Supply (VDD)
High
1.7
1.8
4.2
V
See note1
Low
0
0.2
V
Voltage Supply Leakage Current
5
AVDD = 4.2V; Control voltage LOW; No RF
Switch Control Voltage
C_TX, C_RX, and C_BT
Low
0
0.2
V
High
1.5
4.2
V
see Note
Switch Control Speed
85
150
nsec
Note: The control voltage for C_RX, C_TX, and C_BT need to be equal or within 0.2V of VDD for proper operation. The switch also functions with
VDD floating but will have lower power handling capability.
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com