Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RF5840 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF5840
Description  Mobile Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF5840 Datasheet(HTML) 1 Page - RF Micro Devices

  RF5840 Datasheet HTML 1Page - RF Micro Devices RF5840 Datasheet HTML 2Page - RF Micro Devices RF5840 Datasheet HTML 3Page - RF Micro Devices RF5840 Datasheet HTML 4Page - RF Micro Devices RF5840 Datasheet HTML 5Page - RF Micro Devices RF5840 Datasheet HTML 6Page - RF Micro Devices RF5840 Datasheet HTML 7Page - RF Micro Devices RF5840 Datasheet HTML 8Page - RF Micro Devices RF5840 Datasheet HTML 9Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1 of 9
Optimum Technology Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
Functional Block Diagram
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or customerservice@rfmd.com.
Ordering Information
BiFET HBT
LDMOS
1
2
3
8
7
6
5
4
9
10
BT
GND
Rx
C_Tx
ANT
Vdd
RF5840
11b/g/n WiFi SP3T SWITCH
The RF5840 is a SP3T switch designed for WiFi and Bluetooth® applications in the
2.4GHz to 2.5GHz ISM band. The RF5840 is capable of switching between WiFi
Rx/Tx and Bluetooth Rx/Tx operations. This switch can also be placed in WiFi and
Bluetooth receive modes simultaneously with a slight increase in insertion loss. The
RF5840 is provided in a QFN, 10-pin, 1.75mm x 1.75mm x 0.5mm Pb-Free pack-
age. This device meets or exceeds the RF switch needs of IEEE802.11b/g/n RF sys-
tems.
Features
Low Switch Control Voltage
1.5V Minimum
Low Insertion Loss 0.8dB
Applications
EEE802.11b/g/n WiFi
Applications
WiFi/Bluetooth®
Combination Devices
Mobile Devices
Tablets
Consumer Electronics
Gaming
Netbooks and Notebooks
TV, Monitors, and Video
DS120516
Package: QFN, 10-Pin, 1.75mm x 1.75mm x 0.5mm
RF5840
11b/g/n WiFi
SP3T Switch
RF5840SB
Standard 5-Piece Bag
RF5840
Standard 25-Piece Bag
RF5840SR
Standard 100-Piece Bag
RF5840TR7
Standard 2500-Piece Reel (7”)
RF5840PCBK-410
Fully Assembled Evaluation Board


Similar Part No. - RF5840

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF5824 RFMD-RF5824 Datasheet
39Kb / 2P
3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
RF5824PCBA-41X RFMD-RF5824PCBA-41X Datasheet
39Kb / 2P
3.3V, DUAL-BAND WLAN POWER AMPLIFIER MODULE
More results

Similar Description - RF5840

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ6040 VISHAY-VJ6040 Datasheet
166Kb / 6P
VJ 6040 UHF Chip Antenna for Mobile Devices
02-Jul-09
VJ3505 VISHAY-VJ3505_10 Datasheet
138Kb / 5P
VJ 3505 UHF Chip Antenna for Mobile Devices
15-Jun-10
VJ6040 VISHAY-VJ6040_10 Datasheet
149Kb / 6P
VJ 6040 UHF Chip Antenna for Mobile Devices
15-Jun-10
logo
List of Unclassifed Man...
CM-IMX53 ETC2-CM-IMX53 Datasheet
1Mb / 31P
Smart Mobile Devices
logo
Epson Company
S1F77330B0A EPSON-S1F77330B0A Datasheet
199Kb / 8P
Mobile communication equipment (mobile phones, cordless phones, and wireless communication devices)
logo
Japan Aviation Electron...
FI-JHS JAE-FI-JHS Datasheet
730Kb / 8P
Fine-wire Coaxial Connector For Compact Mobile Devices
logo
Visual Communications C...
CTHS15CIC01 VCC-CTHS15CIC01 Datasheet
209Kb / 8P
Mobile communication devices
logo
Taiyo Yuden (U.S.A.), I...
F6FC1G197H4PF TAIYO-YUDEN-F6FC1G197H4PF Datasheet
246Kb / 2P
FBAR/SAW DEVICES for MOBILE COMMUNICATIONS (SAW Type)
logo
IOGEAR
GE1337M IOGEAR-GE1337M Datasheet
147Kb / 3P
KeyMander 2 Mobile Keyboard/Mouse Adapter for Mobile Devices
GMP16K IOGEAR-GMP16K Datasheet
165Kb / 3P
GearPower 16,000mAh Power Bank for Mobile Devices
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com