Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAC3612 Datasheet(PDF) 2 Page - RF Micro Devices

Part # RFAC3612
Description  3 Wire SPI Compatible Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAC3612 Datasheet(HTML) 2 Page - RF Micro Devices

  RFAC3612 Datasheet HTML 1Page - RF Micro Devices RFAC3612 Datasheet HTML 2Page - RF Micro Devices RFAC3612 Datasheet HTML 3Page - RF Micro Devices RFAC3612 Datasheet HTML 4Page - RF Micro Devices RFAC3612 Datasheet HTML 5Page - RF Micro Devices RFAC3612 Datasheet HTML 6Page - RF Micro Devices RFAC3612 Datasheet HTML 7Page - RF Micro Devices RFAC3612 Datasheet HTML 8Page - RF Micro Devices RFAC3612 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140530
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
2 of 15
Absolute Maximum Ratings
Parameter
Rating
Unit
Power Supply Voltage (VDD)
-0.3 to 3.9
V
Logic Input DC Voltage (VCB)
-0.3 to 2.8
V
ESD Voltage HBM
2
kV
Storage Temperature
-40 to 150
°C
Max peak Single-ended RF Voltage Between RF1/RF2
and Ground, Shunt Switches Disabled
RF1 = 45
VPK
RF2 = 43
VPK
CW Input Power, 50
Ω Systems, RF1 or RF2, Cmin, Shunt
Switches Disabled
37
dBm
CW Input Power, 50
Ω Systems, Shunt, RF1, Cmin, Shunt
Switches Disabled
42.5
dBm
CW Input Power, 50
Ω Systems, RF1 or RF2, Shunt Switches
Enabled
29
dBm
Caution! ESD sensitive device.
RFMD Green: RoHS status based on EU
Directive 2011/65/EU (at time of this
document revision), halogen free per IEC
61249-2-21, < 1000ppm each of
antimony trioxide in polymeric materials
and red phosphorus as a flame retardant,
and <2% antimony in solder.
Exceeding any one or a combination of the Absolute
Maximum Rating conditions may cause permanent
damage to the device. Extended application of Absolute
Maximum Rating conditions to the device may reduce
device reliability. Specified typical performance or
functional operation of the device under Absolute
Maximum Rating conditions is not implied.
Recommended Operating Condition
Parameter
Specification
Unit
Min
Typ
Max
Operating Temperature Range
-40
+85
°C
Operating Junction Temperature
°C
Supply Voltage
2.4
3.5
V
Electrical Specifications
Parameter
Specification
Unit
Condition
Min
Typ
Max
Operating Ranges
Power Supply Current (IDD)
63
85
µA
RF1 = -10dBm
Input Logic Control Voltage High (VIH)
1.2
2.8
V
Input Logic Control Voltage Low (VIL)
0
0.63
V
Max Peak Single-ended RF Voltage Between
RF1/RF2 and GND (VRF PK)
44
VPK
RF1
42
VPK
RF2
Input Power with RF1 and/or RF2 Shunt
Switches Enabled
27
dBm
DC Voltage at RF1 and RF2 Ports (VRF, DC)
1
0
V
Operating Frequency Range
0.5
3
GHz
Series Configuration, Linear
Parameters
Nominal Conditions: VHIGH ≥1.8V, VLOW ≤0.3V, VDD =
2.85V, Temp = 25°C, RF1 and RF2 ports terminated to
Z0 = 50
Ω
Cs
2
Min Series Capacitance, State 0
0.41
0.46
0.51
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com