Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFAC3612 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFAC3612
Description  3 Wire SPI Compatible Control
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFAC3612 Datasheet(HTML) 1 Page - RF Micro Devices

  RFAC3612 Datasheet HTML 1Page - RF Micro Devices RFAC3612 Datasheet HTML 2Page - RF Micro Devices RFAC3612 Datasheet HTML 3Page - RF Micro Devices RFAC3612 Datasheet HTML 4Page - RF Micro Devices RFAC3612 Datasheet HTML 5Page - RF Micro Devices RFAC3612 Datasheet HTML 6Page - RF Micro Devices RFAC3612 Datasheet HTML 7Page - RF Micro Devices RFAC3612 Datasheet HTML 8Page - RF Micro Devices RFAC3612 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140530
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 15
RFAC3612
6-Bit, PAC (Programmable Array of Capacitors)
The RFAC3612 is a 6-bit, 64-state PAC (Programmable Array of
Capacitors) for tunable RF applications. The RFAC3612 is
optimized for series configuration but can also be applied in shunt
configuration. The high power handling, high Q and excellent
linearity makes it ideal for use in antenna tuning, tunable filters
and tunable matching networks.
The RFAC3612 includes an integrated LDO (Low Drop Out)
regulator, which enables operation from a very wide supply range
from 2.4V to 3.5V. The state of the RFAC3612 PAC is controlled
by a 3 wire SPI compatible interface. All pins are ESD protected to
ensure 2kV HBM ESD tolerance. RFAC3612 is packaged in a
very compact 2.0mm x 2.5mm, 10-pin package.
Functional Block Diagram
Ordering Information
RFAC3612SQ
Sample bag with 25 pieces
RFAC3612SR
7" Reel with 100 pieces
RFAC3612TR7
7" Reel with 2500 pieces
RFAC3612PCK-410
0.5GHz to 3GHz PCBA with 5-piece sample bag
Package: 10-pin,
2.0mm x 2.5mm
Features
■
6-Bit, 64-state Programmable
Capacitor Array
■
3 Wire SPI Compatible Control
■
Programmable Shunt Switches on
Both RF Ports for High Isolation
Operation
■
Wide Tuning Range (0.47pF to
13pF)
■
High RF Voltage Handling
(
≤44VPK)
■
High Linearity
■
Wide Voltage Supply Range (2.4V
to 3.5V)
■
Low Current Consumption (64µA
Typical)
■
2kV HBM EDS Tolerance on All
Ports
■
Simulate in Your Design with ADS
or AWR S-parameter Model Kit,
available on request
Applications
■
Antenna Tuning Networks
■
Tunable RF Filters
■
Tunable RF Matching Networks
■
Phase Shifters
RFAC3612


Similar Part No. - RFAC3612

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
RFA NICHICON-RFA Datasheet
733Kb / 2P
High Capacitance
logo
Microchip Technology
RFA-02-C2H1-D034 MICROCHIP-RFA-02-C2H1-D034 Datasheet
2Mb / 73P
low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
03/2025
RFA-02-C2M2 MICROCHIP-RFA-02-C2M2 Datasheet
2Mb / 73P
low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
03/2025
RFA-02-C2M2-D034 MICROCHIP-RFA-02-C2M2-D034 Datasheet
2Mb / 73P
low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
03/2025
RFA-02-D3 MICROCHIP-RFA-02-D3 Datasheet
2Mb / 73P
low power consuming IC containing a 2.4 GHz IEEE 802.11b/g/n-compliant radio
03/2025
More results

Similar Description - RFAC3612

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
logo
List of Unclassifed Man...
BH3862FS ETC-BH3862FS Datasheet
237Kb / 2P
3 wire serial sound control IC
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
DS1343_1112 MAXIM-DS1343_1112 Datasheet
1Mb / 20P
Low-Current SPI/3-Wire RTCs
Rev 1; 12/11
logo
ATMEL Corporation
AT25010A ATMEL-AT25010A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
AT25020A ATMEL-AT25020A_14 Datasheet
526Kb / 18P
SerialPeripheralInterface(SPI)Compatible
AT25256A ATMEL-AT25256A_14 Datasheet
499Kb / 18P
Serial Peripheral Interface (SPI) Compatible
AT25128A ATMEL-AT25128A_14 Datasheet
499Kb / 18P
Serial Peripheral Interface (SPI) Compatible
AT25640A ATMEL-AT25640A_14 Datasheet
457Kb / 19P
Serial Peripheral Interface (SPI) Compatible
AT25010A ATMEL-AT25010A_14 Datasheet
469Kb / 17P
Serial Peripheral Interface (SPI) Compatible
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com