Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1722 Datasheet (PDF) - Dallas Semiconductor

DS1722 Datasheet PDF - Dallas Semiconductor
Part # DS1722
Download  DS1722 Download
File Size   984.65 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer with SPI/3-Wire Interface

DS1722 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1722 Datasheet PDF - Dallas Semiconductor

Part # DS1722
Download  DS1722 Click to download

File Size   984.65 Kbytes
Page   13 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Digital Thermometer with SPI/3-Wire Interface

DS1722 Datasheet (HTML) - Dallas Semiconductor


DS1722 Product details

DESCRIPTION
The DS1722 Digital Thermometer and Thermostat with SPI/3-Wire Interface provides temperature readings which indicate the temperature of the device. No additional components are required; the device is truly a temperature-to-digital converter. Temperature readings are communicated from the DS1722 over a Motorola SPI interface or a standard 3-wire serial interface. The choice of interface standard is selectable by the user.

FEATURES
■ Temperature measurements require no external components
■ Measures temperatures from -55°C to +120°C. Fahrenheit equivalent is -67°F to +248°F
■ Thermometer accuracy is ±2.0°C
■ Thermometer resolution is configurable from 8 to 12 bits (1.0°C to 0.0625°C resolution)
■ Data is read from/written to via a Motorola Serial Peripheral Interface (SPI) or standard 3-wire serial interface
■ Wide analog power supply range (2.65V - 5.5V)
■ Separate digital supply allows for 1.8V logic
■ Available in an 8-pin SOIC (150 mil), 8-pin uSOP, and flip chip package




Similar Part No. - DS1722

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
DS1722S MAXIM-DS1722S Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
DS1722U MAXIM-DS1722U Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
More results


Similar Description - DS1722

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS1722 MAXIM-DS1722 Datasheet
324Kb / 14P
Digital Thermometer with SPI/3-Wire Interface
103007
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
MAX31722 MAXIM-MAX31722 Datasheet
943Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com