Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1722U Datasheet (PDF) - Maxim Integrated Products

DS1722U Datasheet PDF - Maxim Integrated Products
Part # DS1722U
Download  DS1722U Download
File Size   324.27 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer with SPI/3-Wire Interface

DS1722U Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1722U Datasheet PDF - Maxim Integrated Products

Part # DS1722U
Download  DS1722U Click to download

File Size   324.27 Kbytes
Page   14 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Digital Thermometer with SPI/3-Wire Interface

DS1722U Datasheet (HTML) - Maxim Integrated Products


DS1722U Product details

DESCRIPTION
The DS1722 Digital Thermometer and Thermostat with SPI/3-Wire Interface provides temperature readings which indicate the temperature of the device. No additional components are required; the device is truly a temperature-to-digital converter. Temperature readings are communicated from the DS1722 over a Motorola SPI interface or a standard 3-wire serial interface. The choice of interface standard is selectable by the user.

FEATURES
■ Temperature Measurements Require No External Components
■ Measures Temperatures from -55°C to +120°C. Fahrenheit Equivalent is -67°F to +248°F
■ Thermometer Accuracy is ±2.0°C
■ Thermometer Resolution is Configurable from 8 to 12 bits (1.0°C to 0.0625°C Resolution)
■ Data is Read From/Written to Via a Motorola Serial Peripheral Interface (SPI) or Standard 3-Wire Serial Interface
■ Wide Analog Power Supply Range (2.65V - 5.5V)
■ Separate Digital Supply Allows for 1.8V Logic
■ Available in an 8-Pin SO (150mil) and 8-Pin μMAX package S




Similar Part No. - DS1722U

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
More results


Similar Description - DS1722U

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1722 DALLAS-DS1722 Datasheet
984Kb / 13P
Digital Thermometer with SPI/3-Wire Interface
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
logo
VTI technologies
SCA3000-D01 VTI-SCA3000-D01 Datasheet
209Kb / 4P
3-AXIS LOW POWER ACCELEROMETER WITH DIGITAL SPI INTERFACE
SCA3100-D01 VTI-SCA3100-D01 Datasheet
106Kb / 3P
3-AXIS ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Dallas Semiconductor
DS1626 DALLAS-DS1626_07 Datasheet
135Kb / 14P
High-Precision 3-Wire Digital Thermometer and Thermostat
logo
VTI technologies
SCA3100-D07 VTI-SCA3100-D07 Datasheet
129Kb / 4P
3-AXIS HIGH PERFORMANCE ACCELEROMETER WITH DIGITAL SPI INTERFACE
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
MAX31722 MAXIM-MAX31722 Datasheet
943Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
Rev 0; 11/10
MAX31722 MAXIM-MAX31722_V01 Datasheet
536Kb / 15P
Digital Thermometers and Thermostats with SPI/3-Wire Interface
2021
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com