Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1820 Datasheet (PDF) - Dallas Semiconductor

DS1820 Datasheet PDF - Dallas Semiconductor
Part # DS1820
Download  DS1820 Download
File Size   151.87 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Digital Thermometer

DS1820 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1820 Datasheet PDF - Dallas Semiconductor

Part # DS1820
Download  DS1820 Click to download

File Size   151.87 Kbytes
Page   27 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 1-Wire Digital Thermometer

DS1820 Datasheet (HTML) - Dallas Semiconductor


DS1820 Product details

DESCRIPTION
The DS1820 Digital Thermometer provides 9–bit temperature readings which indicate the temperature of the device.
Information is sent to/from the DS1820 over a 1–Wire interface, so that only one wire (and ground) needs to be connected from a central microprocessor to a DS1820. Power for reading, writing, and performing temperature conversions can be derived from the data line itself with no need for an external power source.
Because each DS1820 contains a unique silicon serial number, multiple DS1820s can exist on the same 1–Wire bus. This allows for placing temperature sensors in many different places. Applications where this feature is useful include HVAC environmental controls, sensing temperatures inside buildings, equipment or machinery, and in process monitoring and control.

FEATURES
• Unique 1–WireTM interface requires only one port pin for communication
• Multidrop capability simplifies distributed temperature sensing applications
• Requires no external components
• Can be powered from data line
• Zero standby power required
• Measures temperatures from –55°C to +125°C in 0.5°C increments. Fahrenheit equivalent is –67°F to +257°F in 0.9°F increments
• Temperature is read as a 9–bit digital value.
• Converts temperature to digital word in 200 ms (typ.)
• User–definable, nonvolatile temperature alarm settings
• Alarm search command identifies and addresses devices whose temperature is outside of programmed limits (temperature alarm condition)
• Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system




Similar Part No. - DS1820

ManufacturerPart #DatasheetDescription
logo
SYC Electronica
DS1820 SYC-DS1820 Datasheet
129Kb / 27P
1–WireTM Digital Thermometer
More results


Similar Description - DS1820

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS18S20 DALLAS-DS18S20 Datasheet
136Kb / 27P
High Precision 1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
DS18B20-PAR MAXIM-DS18B20-PAR_07 Datasheet
227Kb / 19P
1-Wire Parasite-Power Digital Thermometer
101207
DS18S20-PAR MAXIM-DS18S20-PAR Datasheet
256Kb / 20P
1-Wire Parasite-Power Digital Thermometer
111803
DS18S20 MAXIM-DS18S20_V01 Datasheet
486Kb / 21P
High-Precision 1-Wire Digital Thermometer
2015
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com