Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1822 Datasheet (PDF) - Maxim Integrated Products

DS1822 Datasheet PDF - Maxim Integrated Products
Part # DS1822
Download  DS1822 Download
File Size   222.78 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Econo 1-Wire Digital Thermometer

DS1822 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1822 Datasheet PDF - Maxim Integrated Products

Part # DS1822
Download  DS1822 Click to download

File Size   222.78 Kbytes
Page   21 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description Econo 1-Wire Digital Thermometer

DS1822 Datasheet (HTML) - Maxim Integrated Products


DS1822 Product details

DESCRIPTION
The DS1822 digital thermometer provides 9- to 12-bit centigrade temperature measurements and has an alarm function with NV user-programmable upper and lower trigger points. The DS1822 communicates over a 1-Wire bus that by definition requires only one data line (and ground) for communication with a central microprocessor. It has an operating temperature range of –55°C to +125°C and is accurate to ±2.0°C over the range of –10°C to +85°C. In addition, the DS1822 can derive power directly from the data line (“parasite power”), eliminating the need for an external power supply.

FEATURES
■ Unique 1-Wire® interface requires only one
   port pin for communication.
■ Each device has a unique 64-bit serial code
   stored in an on-board ROM.
■ Multidrop capability simplifies distributed
   temperature-sensing applications.
■ Requires no external components.
■ Can be powered from data line. Power supply
   range is 3.0V to 5.5V.
■ Measures temperatures from -55°C to +125°C
   (-67°F to +257°F).
■ ±2.0°C accuracy from -10°C to +85°C.
■ Thermometer resolution is user-selectable
   from 9 to 12 bits.
■ Converts temperature to 12-bit digital word in
   750ms (max.)
■ User-definable nonvolatile (NV) alarm
   settings.
■ Alarm search command identifies and
   addresses devices whose temperature is
   outside of programmed limits (temperature
   alarm condition).
■ Software compatible with the DS18B20.
■ Applications include thermostatic controls,
   industrial systems, consumer products,
   thermometers, or any thermally sensitive
   system.




Similar Part No. - DS1822

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+ MAXIM-DS1822+ Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+PAR MAXIM-DS1822+PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
DS1822+T&R MAXIM-DS1822+T&R Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results


Similar Description - DS1822

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
Econo . Digital Thermometer and Thermostat
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS1822 DALLAS-DS1822 Datasheet
268Kb / 20P
Econo 1-Wire Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com