Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1822 Datasheet (PDF) - Dallas Semiconductor

DS1822 Datasheet PDF - Dallas Semiconductor
Part # DS1822
Download  DS1822 Download
File Size   268.21 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Econo 1-Wire Digital Thermometer

DS1822 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1822 Datasheet PDF - Dallas Semiconductor

Part # DS1822
Download  DS1822 Click to download

File Size   268.21 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Econo 1-Wire Digital Thermometer

DS1822 Datasheet (HTML) - Dallas Semiconductor


DS1822 Product details

DESCRIPTION

The DS1822 digital thermometer provides 9- to 12-bit centigrade temperature measurements and has an alarm function with NV user-programmable upper and lower trigger points. The DS1822 communicates over a 1-Wire bus that by definition requires only one data line (and ground) for communication with a central microprocessor. It has an operating temperature range of –55°C to +125°C and is accurate to ±2.0°C over the range of –10°C to +85°C. In addition, the DS1822 can derive power directly from the data line (“parasite power”), eliminating the need for an external power supply.



FEATURES

ƒ Unique 1-Wire® interface requires only one port pin for communication.

ƒ Each device has a unique 64-bit serial code stored in an on-board ROM.

ƒ Multidrop capability simplifies distributed temperature-sensing applications.

ƒ Requires no external components.

ƒ Can be powered from data line. Power supply range is 3.0V to 5.5V.

ƒ Measures temperatures from -55°C to +125°C (-67°F to +257°F).

ƒ ±2.0°C accuracy from -10°C to +85°C.

ƒ Thermometer resolution is user-selectable from 9 to 12 bits.

ƒ Converts temperature to 12-bit digital word in 750ms (max.)

ƒ User-definable nonvolatile (NV) alarm settings.

ƒ Alarm search command identifies and addresses devices whose temperature is outside of programmed limits (temperature alarm condition).

ƒ Software compatible with the DS18B20.

ƒ Applications include thermostatic controls, industrial systems, consumer products, thermometers, or any thermally sensitive system.




Similar Part No. - DS1822

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS1822 MAXIM-DS1822 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+ MAXIM-DS1822+ Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS1822+ MAXIM-DS1822+ Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
DS1822+PAR MAXIM-DS1822+PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
More results


Similar Description - DS1822

ManufacturerPart #DatasheetDescription
logo
TelCom Semiconductor, I...
TC625 TELCOM-TC625 Datasheet
68Kb / 2P
1-WIRE DIGITAL THERMOMETER
logo
Dallas Semiconductor
DS1720 DALLAS-DS1720 Datasheet
77Kb / 12P
Econo . Digital Thermometer and Thermostat
DS1820 DALLAS-DS1820 Datasheet
151Kb / 27P
1-Wire Digital Thermometer
DS1822-PAR DALLAS-DS1822-PAR Datasheet
138Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
DS18B20X DALLAS-DS18B20X Datasheet
184Kb / 21P
Flipchip 1-Wire Digital Thermometer
logo
Maxim Integrated Produc...
DS1822 MAXIM-DS1822 Datasheet
222Kb / 21P
Econo 1-Wire Digital Thermometer
101107
DS18B20 MAXIM-DS18B20_08 Datasheet
261Kb / 22P
1-Wire Digital Thermometer
REV: 042208
logo
Dallas Semiconductor
DS1822-PAR DALLAS-DS1822-PAR_07 Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
logo
Maxim Integrated Produc...
DS1822-PAR MAXIM-DS1822-PAR Datasheet
212Kb / 19P
Econo 1-Wire Parasite-Power Digital Thermometer
101107
DS1822 MAXIM-DS1822_V01 Datasheet
252Kb / 21P
Econo 1-Wire Digital Thermometer
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com