Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS1720 Datasheet (PDF) - Dallas Semiconductor

DS1720 Datasheet PDF - Dallas Semiconductor
Part # DS1720
Download  DS1720 Download
File Size   77.53 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Econo . Digital Thermometer and Thermostat

DS1720 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS1720 Datasheet PDF - Dallas Semiconductor

Part # DS1720
Download  DS1720 Click to download

File Size   77.53 Kbytes
Page   12 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description Econo . Digital Thermometer and Thermostat

DS1720 Datasheet (HTML) - Dallas Semiconductor


DS1720 Product details

DESCRIPTION
The DS1720 Digital Thermometer and Thermostat provides 9–bit temperature readings which indicate the temperature of the device. With three thermal alarm outputs, the DS1720 can also act as a thermostat.

FEATURES
• Requires no external components
• Supply voltage range covers from 2.7V to 5.5V
• Measures temperatures from –55°C to +125°C in
   0.5°C increments. Fahrenheit equivalent is –67°F to
   +257°F in 0.9°F increments
• Temperature is read as a 9–bit value
• Converts temperature to digital word in 1 second
   (max)
• Thermostatic settings are user–definable and non–
   volatile
• Data is read from/written via a 3–wire serial interface
   (CLK, DQ, RST)
• Applications include thermostatic controls, industrial
   systems, consumer products, thermometers, or any
   thermally sensitive system
• 8–pin SOIC (208 mil) package




Similar Part No. - DS1720

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1720 MAXIM-DS1720 Datasheet
250Kb / 11P
Operating Instructions
051503
DS1720 MAXIM-DS1720 Datasheet
179Kb / 14P
ECON-Digital Thermometer and Thermostat
2008
DS1720S MAXIM-DS1720S Datasheet
179Kb / 14P
ECON-Digital Thermometer and Thermostat
2008
DS1720S+ MAXIM-DS1720S+ Datasheet
179Kb / 14P
ECON-Digital Thermometer and Thermostat
2008
DS1720S+T&R MAXIM-DS1720S+T&R Datasheet
179Kb / 14P
ECON-Digital Thermometer and Thermostat
2008
More results


Similar Description - DS1720

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1620 DALLAS-DS1620 Datasheet
539Kb / 13P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV Datasheet
280Kb / 13P
Digital Thermometer and Thermostat
051106
DS75LV_0611 MAXIM-DS75LV_0611 Datasheet
281Kb / 13P
Digital Thermometer and Thermostat
112006
DS1620S MAXIM-DS1620S Datasheet
270Kb / 12P
Digital Thermometer and Thermostat
053105
DS75U MAXIM-DS75U Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
022108
DS1621 MAXIM-DS1621 Datasheet
332Kb / 16P
Digital Thermometer and Thermostat
090905
logo
Dallas Semiconductor
DS75 DALLAS-DS75_08 Datasheet
189Kb / 14P
Digital Thermometer and Thermostat
logo
Maxim Integrated Produc...
DS75LV MAXIM-DS75LV_V01 Datasheet
379Kb / 14P
Digital Thermometer and Thermostat
2016
DS1620 MAXIM-DS1620_V01 Datasheet
451Kb / 12P
Digital Thermometer and Thermostat
2015
DS7505 MAXIM-DS7505_V01 Datasheet
564Kb / 14P
Digital Thermometer and Thermostat
2015
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com