Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1004 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1004
Description  25W GaN Wide-Band Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1004 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1004 Datasheet HTML 1Page - RF Micro Devices RFHA1004 Datasheet HTML 2Page - RF Micro Devices RFHA1004 Datasheet HTML 3Page - RF Micro Devices RFHA1004 Datasheet HTML 4Page - RF Micro Devices RFHA1004 Datasheet HTML 5Page - RF Micro Devices RFHA1004 Datasheet HTML 6Page - RF Micro Devices RFHA1004 Datasheet HTML 7Page - RF Micro Devices RFHA1004 Datasheet HTML 8Page - RF Micro Devices RFHA1004 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131018
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFHA1004
25W GaN Wide-Band Power Amplifier
700MHz to 2500MHz
The RFHA1004 is a wideband Power Amplifier designed for CW and
pulsed applications such as wireless infrastructure, RADAR, military
communication radios and general purpose amplification. Using an
advanced high power density Gallium Nitride (GaN) semiconductor
process, these high-performance amplifiers achieve high efficiency, flat
gain and large instantaneous bandwidth in a single amplifier design. The
RFHA1004 is an input matched GaN transistor packaged in an air cavity
copper package which provides excellent thermal stability through the use
of advanced heat sink and power dissipation technologies. Ease of
integration is accomplished through the incorporation of optimized input
matching network within the package that provides wideband gain and
power performance in a single amplifier. An external output match offers
the flexibility of further optimizing power and efficiency for any sub-band
within the overall bandwidth.
Functional B
Functional Block Diagram
Ordering Information
RFHA1004S2
Sample bag with 2 pieces
RFHA1004SB
Bag with 5 pieces
RFHA1004SQ
Bag with 25 pieces
RFHA1004SR
Short Reel with 100 pieces
RFHA1004TR7
7" Reel with 750 pieces
RFHA1004PCBA-410
Evaluation Board: 700MHz to 2500MHz; 52V
Operation
Package: Air-Cavity Cu
Features
■
Advanced GaN HEMT Technology
■
Output Power of 25W
■
Advanced Heat-Sink Technology
■
700MHz to 2500MHz
Instantaneous Bandwidth
■
Input Internally Matched to 50
Ω
■
52V Operation Typical
Performance
POUT 43dBm
Gain 11dB
Power Added Efficiency 45%
(700MHz to 2500MHz)
■
-40°C to 85°C Operating
Temperature
■
Large Signal Models Available
■
EAR99 Export Control
Applications
■
Class AB Operation for Public
Mobile Radio
■
Power Amplifier Stage for
Commercial Wireless Infrastructure
■
General Purpose Tx Amplification
■
Test and Instrumentation
■
Civilian and Military Radar
RFHA1004


Similar Part No. - RFHA1004

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1000 RFMD-RFHA1000 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000PCBA-410 RFMD-RFHA1000PCBA-410 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000S2 RFMD-RFHA1000S2 Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SB RFMD-RFHA1000SB Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
RFHA1000SQ RFMD-RFHA1000SQ Datasheet
906Kb / 11P
50MHz TO 1000MHz, 15W GaN WIDEBAND
More results

Similar Description - RFHA1004

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3934 RFMD-RF3934 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3932 RFMD-RF3932 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3931 RFMD-RF3931 Datasheet
99Kb / 2P
GaN WIDE-BAND POWER AMPLIFIER
RF3933 RFMD-RF3933_12 Datasheet
1Mb / 14P
90W GaN WIDE-BAND POWER AMPLIFIER
RF3833 RFMD-RF3833 Datasheet
1Mb / 10P
25W GaN Wide-Band Power Amplifier
RFHA1021L RFMD-RFHA1021L Datasheet
910Kb / 12P
60W GaN Wide-Band Pulsed Power Amplifier
RFHA3832 RFMD-RFHA3832 Datasheet
1Mb / 11P
10W GaN Wide-Band Power Amplifier
RFHA3942 RFMD-RFHA3942 Datasheet
1Mb / 11P
35W GaN Wide-Band Power Amplifier
RFHA3944 RFMD-RFHA3944 Datasheet
1Mb / 11P
65W GaN Wide-Band Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com