Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1027 Datasheet(PDF) 3 Page - RF Micro Devices

Part # RFHA1027
Description  500W GaN Wide-Band Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1027 Datasheet(HTML) 3 Page - RF Micro Devices

  RFHA1027 Datasheet HTML 1Page - RF Micro Devices RFHA1027 Datasheet HTML 2Page - RF Micro Devices RFHA1027 Datasheet HTML 3Page - RF Micro Devices RFHA1027 Datasheet HTML 4Page - RF Micro Devices RFHA1027 Datasheet HTML 5Page - RF Micro Devices RFHA1027 Datasheet HTML 6Page - RF Micro Devices RFHA1027 Datasheet HTML 7Page - RF Micro Devices RFHA1027 Datasheet HTML 8Page - RF Micro Devices RFHA1027 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
3 of 10
RFHA1027
Parameter
Specification
Unit
Condition
Min
Typ
Max
RF Functional Test
Test Conditions: PW = 1ms, DC = 10%, VDSQ = 50V, IDQ = 750mA,
T = 25ºC, Performance in a standard tuned test fixture.
Power Gain
12.5
13.6
dB
f = 1200MHz, PIN = 44dBm
Input Return Loss
-5
dB
Output Power
56.5
57.6
dBm
Drain Efficiency
53
%
Power Gain
12.5
13.3
dB
f = 1300MHz, PIN = 44dBm
Input Return Loss
-5
dB
Output Power
56.5
57.3
dBm
Drain Efficiency
55
%
Power Gain
12.5
12.8
dB
f = 1400MHz, PIN = 44dBm
Input Return Loss
-5
dB
Output Power
56.5
56.8
dBm
Drain Efficiency
54
%
RF Typical Performance
Frequency Range
1200
1400
MHz
Low Power Gain
15.8
dB
POUT = 36dBm [1,2]
Power Gain
13.3
dB
PIN = 44dBm [1,2]
Gain Variation with Temperature
-0.019
dB/°C
At peak output power [1,2]
Output Power (PSAT)
57
dBm
Peak output power [1,2]
500
W
Drain Efficiency
54
%
At peak output power [1,2]
[1] Test Conditions: PW = 1ms, DC = 10%, VDSQ = 50V, IDQ = 750mA, T = 25ºC.
[2] Performance in a standard tuned test fixture.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com