Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1027 Datasheet(PDF) 6 Page - RF Micro Devices

Part # RFHA1027
Description  500W GaN Wide-Band Pulsed Power Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1027 Datasheet(HTML) 6 Page - RF Micro Devices

Back Button RFHA1027 Datasheet HTML 2Page - RF Micro Devices RFHA1027 Datasheet HTML 3Page - RF Micro Devices RFHA1027 Datasheet HTML 4Page - RF Micro Devices RFHA1027 Datasheet HTML 5Page - RF Micro Devices RFHA1027 Datasheet HTML 6Page - RF Micro Devices RFHA1027 Datasheet HTML 7Page - RF Micro Devices RFHA1027 Datasheet HTML 8Page - RF Micro Devices RFHA1027 Datasheet HTML 9Page - RF Micro Devices RFHA1027 Datasheet HTML 10Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS140204
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
The information in this publication is believed to be accurate. However, no responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any infringement of patents or other rights of
third parties resulting from its use. No license is granted by implication or otherwise under any patent or patent rights of RFMD. RFMD reserves the right to change component circuitry, recommended
application circuitry and specifications at any time without prior notice.
6 of 10
RFHA1027
Evaluation Board Schematic
Evaluation Board Bill of Materials (BOM)
Component
Value
Manufacturer
Part Number
C1
680uF
Panasonic
EEU-FC2A681
C11
0.1uF
Murata
GRM32NR72A104KA01L
C13
0.1uF
Panasonic
ECJ-2YB1H104K
C14,C16
10uF
Panasonic
ECA-2AM100
C2
2.7pF
ATC
ATC800A2R7BT
C4, C6, C9, C10
100pF
ATC
ATC800A101JT
C5
150pF
ATC
ATC800B151JT300X
C7, C12
10000pF
Panasonic
ECJ-2VB2A103K
C8
0.1uF
Panasonic
ECJ-2VB2A104K
L1
68nH
Coilcraft
1812SMS-68NJLB
L2
82nH
Coilcraft
1812SMS-82NJLB
L3, L4
75 ohm, 10A
Steward
35F0121-1SR-10
L5, L6
115 ohm, 10A
Steward
28F0181-1SR-10
R1, R3
10 ohms
Panasonic
ERJ-8GEYJ100V
R2
51 ohms
Panasonic
ERJ-8GEYJ510
RFHA1027
R1
C9
VGATE
C4
50
 strip
50
 strip
J2
RF OUT
L1
L2
C13
C16
C6
C11
C10
C7
C8
R2
L3
L4
J1
RF IN
L5
L6
C14
+
C2
VDRAIN
C5
R3
C12
C15
C1
+



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com