Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1043 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RFHA1043
Description  150W GaN Power Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1043 Datasheet(HTML) 1 Page - RF Micro Devices

  RFHA1043 Datasheet HTML 1Page - RF Micro Devices RFHA1043 Datasheet HTML 2Page - RF Micro Devices RFHA1043 Datasheet HTML 3Page - RF Micro Devices RFHA1043 Datasheet HTML 4Page - RF Micro Devices RFHA1043 Datasheet HTML 5Page - RF Micro Devices RFHA1043 Datasheet HTML 6Page - RF Micro Devices RFHA1043 Datasheet HTML 7Page - RF Micro Devices RFHA1043 Datasheet HTML 8Page - RF Micro Devices RFHA1043 Datasheet HTML 9Page - RF Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
1 of 11
RFHA1043
150W GaN Power Amplifier
1.2GHz to 1.85GHz
The RFHA1043 is optimized for applications in the 1.2GHz to
1.85GHz frequency band. Using an advanced 48V high power
density gallium nitride (GaN) semiconductor process optimized for
high peak to average ratio applications, these high performance
amplifiers achieve high efficiency and flat gain over a broad
frequency range in a single amplifier design. The RFHA1043 is an
input matched GaN transistor packaged in an air cavity ceramic
package, which provides excellent thermal stability. Ease of
integration is accomplished through the incorporation of simple
optimized matching networks external to the package that provide
wideband gain, efficiency, and linearizable performance in a
single amplifier.
Functional Block Diagram
Ordering Information
RFHA1043S2
Sample bag with 2 pieces
RFHA1043SB
Bag with 5 pieces
RFHA1043SQ
Bag with 25 pieces
RFHA1043SR
Short reel with 50 pieces
RFHA1043TR13
13” Reel with 300 pieces
RFHA1043PCBA-410
Fully assembled evaluation board
Package: Flanged Ceramic, 2 pin,
RF400-2
Features
■
Advanced GaN HEMT Technology
■
Peak Power 150W
■
Advanced Heat-Sink Technology
■
Single Circuit for 1.2GHz to
1.85GHz
■
48V Modulated Typical
Performance
POUT 45.2dBm
Gain 15.5dB
Drain Efficiency 30%
ACP-30dBc
■
48V CW Typical Broadband
Performance
POUT 52dBm
Gain 13.5dB
Drain Efficiency 51%
■
-40°C to 85°C Operating
Temperature
■
Optimized for Video Bandwidth
and Minimized Memory Effects
■
Large Signal Models Available
Applications
■
Civilian and Military Radar
■
Public Mobile Radios
■
Industrial, Scientific, and Medical
RFHA1043
RFHA1043


Similar Part No. - RFHA1043

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RFHA1042 RFMD-RFHA1042 Datasheet
1Mb / 13P
125W GaN Power Amplifier
More results

Similar Description - RFHA1043

ManufacturerPart #DatasheetDescription
logo
Communications & Power ...
VZK-2790J1 CPI-VZK-2790J1 Datasheet
146Kb / 2P
150W CW TWT Power Amplifier
logo
RFHIC
HT0808-30A RFHIC-HT0808-30A Datasheet
272Kb / 8P
GaN Hybrid Power Amplifier
HS7785-20A RFHIC-HS7785-20A Datasheet
822Kb / 6P
GaN Hybrid Power Amplifier
HM2060-10A RFHIC-HM2060-10A Datasheet
256Kb / 7P
GaN Hybrid Power Amplifier
HM0005-10A RFHIC-HM0005-10A Datasheet
211Kb / 7P
GaN Hybrid Power Amplifier
logo
Analog Devices
HMC8205BF10 AD-HMC8205BF10 Datasheet
273Kb / 14P
GaN Power Amplifier
Aug-2017
HMC1099PM5E AD-HMC1099PM5E Datasheet
325Kb / 18P
GaN Power Amplifier
9/2018-Rev. A to Rev. B
HMC1114PM5E AD-HMC1114PM5E Datasheet
668Kb / 17P
GaN Power Amplifier
9/2018-Revision 0
HMC8415LP6GE AD-HMC8415LP6GE Datasheet
513Kb / 23P
GaN Power Amplifier
4/2019-Rev. 0 to Rev. A
HMC8500PM5E AD-HMC8500PM5E Datasheet
308Kb / 17P
GaN Power Amplifier
9/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com