Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB5000 Datasheet(PDF) 3 Page - RF Micro Devices

Part # SBB5000
Description  0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB5000 Datasheet(HTML) 3 Page - RF Micro Devices

  SBB5000 Datasheet HTML 1Page - RF Micro Devices SBB5000 Datasheet HTML 2Page - RF Micro Devices SBB5000 Datasheet HTML 3Page - RF Micro Devices SBB5000 Datasheet HTML 4Page - RF Micro Devices SBB5000 Datasheet HTML 5Page - RF Micro Devices SBB5000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3 of 6
DS111219
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SBB5000
Typical Performance (GSG Probe Data with Bias Tees) VD=5.0V, ID=75mA
P1dB versus Frequency
10.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-20°C
25°C
85°C
OIP3 versus Frequency
(0dBm/Tone, 1MHz Spacing)
20.0
25.0
30.0
35.0
40.0
45.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
-20°C
25°C
85°C
Current versus Voltage
50.0
55.0
60.0
65.0
70.0
75.0
80.0
85.0
90.0
4.84.9
5.05.1
5.25.3
VD (V)
-20°C
25°C
85°C
Noise Figure versus Frequency
0.0
1.0
2.0
3.0
4.0
5.0
6.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
25°C
85°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com