Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SBB5000 Datasheet(PDF) 1 Page - RF Micro Devices

Part # SBB5000
Description  0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SBB5000 Datasheet(HTML) 1 Page - RF Micro Devices

  SBB5000 Datasheet HTML 1Page - RF Micro Devices SBB5000 Datasheet HTML 2Page - RF Micro Devices SBB5000 Datasheet HTML 3Page - RF Micro Devices SBB5000 Datasheet HTML 4Page - RF Micro Devices SBB5000 Datasheet HTML 5Page - RF Micro Devices SBB5000 Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SBB5000
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS
InGaP HBT MMIC AMPLIFIER
RFMD’s SBB5000 is a high performance InGaP HBT MMIC amplifier utilizing a Dar-
lington configuration with an active bias network. The active bias network provides
stable current over temperature and process Beta variations. Its efficient operation
from a single 5V supply and its compact size (0.59mmx0.70mm) make it ideal for
high-density multi-chip module applications. It is well-suited for high linearity 5V
gain block applications and it is internally matched to 50
.
RFMD can provide 100% DC screening, visual inspection, and Hi-Rel water qualifi-
cation. Die can be delivered at the wafer level or picked to gel
or waffle paks.
Gain and Return Loss versus Frequency
VS=5V, IS=75mA
-40.0
-30.0
-20.0
-10.0
0.0
10.0
20.0
30.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
Frequency (GHz)
IRL
Gain
ORL
GSG Probe Data with Bias Tees
ZS=ZL=50 Ohms, T=25°C
OIP3=35dBm at 2000MHz
P1dB=20.5dBm at 2000MHz
Single Fixed 5V Supply
Compact Die Size
(0.59mmx0.70mm)
Patented Thermal Design &
Bias Circuit
Low Thermal Resistance
Applications
PA Driver Amplifier
RF Pre-driver and RF Receive
Path
Military Communications
Test and Instrumentation
DS111219
Package: Bare Die
SBB5000
0.05GHz to
6GHz, Cascad-
able Active
Bias InGaP
HBT MMIC
Amplifier
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Frequency of Operation
50
6000
MHz
Small Signal Gain
20.5
dB
Frequency=500MHz
20.5
dB
Frequency=2000Mhz
20.0
dB
Frequency=4000MHz
Output Power at 1dB Compression
21.0
dBm
Frequency=500MHz
20.5
dBm
Frequency=2000MHz
17.0
dBm
Frequency=4000MHz
Output IP3
37.0
dBm
Frequency=500MHz
35.0
dBm
Frequency=2000MHz
30.0
dBm
Frequency=4000MHz
Input Return Loss
15.0
dB
Frequency=2000MHz
Output Return Loss
12.0
dB
Frequency=2000MHz
Current
75.0
mA
Noise Figure
3.9
dB
Frequency=2000MHz
Thermal Resistance
69.9
°C/W
Junction to lead (89 pkg)
Test Conditions: Z0=50, VD=5V, ID=75mA, T=25°C, OIP3 Tone Spacing=1MHz, POUT/tone=0dBm. GSG Probe Data with Bias Tees.


Similar Part No. - SBB5000

ManufacturerPart #DatasheetDescription
logo
International Rectifier
SBB501R2SCKA IRF-SBB501R2SCKA Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
SBB501R2SCKC IRF-SBB501R2SCKC Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
SBB501R5SCKA IRF-SBB501R5SCKA Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
SBB501R5SCKC IRF-SBB501R5SCKC Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
SBB501R8SCKA IRF-SBB501R8SCKA Datasheet
183Kb / 11P
HIGH RELIABILITY CLASS K HYBRID RADIATION HARDENED, NON-ISOLATED
More results

Similar Description - SBB5000

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SBB-1089 SIRENZA-SBB-1089 Datasheet
134Kb / 6P
50-850MHz, Cascadable Active Bias InGaP/GaAs HBT MMIC Amplifier
logo
RF Micro Devices
SBB-1000 RFMD-SBB-1000 Datasheet
205Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-2000 RFMD-SBB-2000 Datasheet
204Kb / 6P
50MHZ TO 1000MHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-4000 RFMD-SBB-4000 Datasheet
199Kb / 6P
0.05GHZ TO 6GHZ, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB-5000 RFMD-SBB-5000 Datasheet
201Kb / 6P
0.05GHz to 6GHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB2089Z RFMD-SBB2089Z Datasheet
456Kb / 7P
50MHz to 850MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB4089Z RFMD-SBB4089Z Datasheet
520Kb / 8P
50MHz to 6000MHz CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
SBB5089Z RFMD-SBB5089Z Datasheet
535Kb / 10P
50MHz to 6000MHz, CASCADABLE ACTIVE BIAS InGaP HBT MMIC AMPLIFIER
logo
Analog Devices
HMC740ST89E AD-HMC740ST89E Datasheet
842Kb / 8P
InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
HMC741ST89E AD-HMC741ST89E Datasheet
850Kb / 8P
InGaP HBT ACTIVE BIAS MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com