Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP2120G4TA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # ZXMP2120G4TA
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120G4TA Datasheet(HTML) 2 Page - Diodes Incorporated

  ZXMP2120G4TA Datasheet HTML 1Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 2Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 3Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 4Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 5Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 6Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
ZXMP2120G4
Document number: DS33602 Rev. 4 - 2
2 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZXMP2120G4
Maximum Ratings (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-200
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (VGS = 10V; TA = +25°C) (Note 5)
ID
-200
mA
Pulsed Drain Current (Note 6)
IDM
-1
A
Pulsed Source Current (Body Diode) (Note 6)
ISM
-1
A
Thermal Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Value
Unit
Power Dissipation at TA = +25°C (Note 5)
Linear Derating Factor
PD
2.0
1.6
W
mW/°C
Thermal Resistance, Junction to Ambient (Note 5)
RθJA
62.5
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
-200
-
-
V
VGS = 0V, ID = -1mA
Zero Gate Voltage Drain Current
IDSS
-
-
-10
-100
µA
VDS = -200V, VGS = 0V
VDS = -160V, VGS = 0V, T = +125°C
Gate-Source Leakage
IGSS
-
-
20
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
-1.5
-
-3.5
V
VDS = VGS, ID = -1mA
Static Drain-Source On-Resistance (Note 7)
RDS(ON)
-
-
25
Ω
VGS = -10V, ID = -150mA
Forward Transconductance (Notes 7 & 8)
gfs
50
-
-
mS
VDS = -25V, ID = -150mA
On-State Drain Current (Note 7)
ID(ON)
-300
-
-
mA
VDS = -25V, VGS = -10V
DYNAMIC CHARACTERISTICS
Input Capacitance (Note 8)
Ciss
-
-
100
pF
VDS = -25V, VGS = 0V,
f = 1.0MHz
Output Capacitance (Note 8)
Coss
-
-
25
pF
Reverse Transfer Capacitance (Note 8)
Crss
-
-
7
pF
Turn-On Delay Time (Notes 8 & 9)
tD(ON)
-
-
7
ns
VDD = -25V, ID = -150mA
Turn-On Rise Time (Notes 8 & 9)
tR
-
-
15
ns
Turn-Off Delay Time (Notes 8 & 9)
tD(OFF)
-
-
12
ns
Turn-Off Fall Time (Notes 8 & 9)
tF
-
-
15
ns
Notes:
5. For a device surface mounted on 25mm x 25mm FR4 PCB with high coverage of single sided 1oz copper, in still air conditions.
6. Repetitive rating - pulse width limited by maximum junction temperature. Refer to Transient Thermal Impedance graph.
7. Measured under pulsed conditions. Pulse width
≤ 300µs. Duty cycle ≤ 2%.
8. Sample test.
9. Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com