Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMP2120G4TA Datasheet(PDF) 4 Page - Diodes Incorporated

Part # ZXMP2120G4TA
Description  200V P-CHANNEL ENHANCEMENT MODE MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMP2120G4TA Datasheet(HTML) 4 Page - Diodes Incorporated

  ZXMP2120G4TA Datasheet HTML 1Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 2Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 3Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 4Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 5Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 6Page - Diodes Incorporated ZXMP2120G4TA Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
ZXMP2120G4
Document number: DS33602 Rev. 4 - 2
4 of 7
www.diodes.com
May 2015
© Diodes Incorporated
ZXMP2120G4
Capacitance v drain-source voltage
V
, DRAIN-SOURCE VOLTAGE (V)
DS
SOA, Safe Operation Area
0.001
0.01
0.1
1
0.1
1
10
100
1000
RDS(on)
Limited
T
= 150°C
J (m ax )
T = 25°C
A
V
= 10V
GS
Single Pulse
DUT on 1 * MRP Board
DC
P
= 10s
W
P
= 1s
W
P
= 100ms
W
P
= 10ms
W
P
= 100µs
W
P
= 1ms
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com