Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA1263Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA1263Z
Description  DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA1263Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA1263Z Datasheet HTML 1Page - RF Micro Devices SGA1263Z Datasheet HTML 2Page - RF Micro Devices SGA1263Z Datasheet HTML 3Page - RF Micro Devices SGA1263Z Datasheet HTML 4Page - RF Micro Devices SGA1263Z Datasheet HTML 5Page - RF Micro Devices SGA1263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS111011
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA1263Z
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)
20
mA
Max Device Voltage (VD)
5
V
Max RF Input Power
-12
dBm
Max Junction Temperature (TJ)
+150
°C
Operating Temperature Range (TL)
-40 to +85
°C
Max Storage Temperature
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Bandwidth
T=25°C
Frequency Range
DC
4000
MHz
Device Bias
T=25°C
Operating Voltage
2.8
V
Operating Current
8
mA
500MHz
T=25°C
Gain
16.0
dB
Noise Figure
2.7
dB
Output IP3
4.0
dBm
Output P1dB
-6.9
dBm
Input Return Loss
8.5
dB
Isolation
61.6
dB
850MHz
T=25°C
Gain
15.7
dB
Noise Figure
2.7
dB
Output IP3
2.6
dBm
Output P1dB
-7.8
dBm
Input Return Loss
8.9
dB
Isolation
48.4
dB
1950MHz
T=25°C
Gain
14.7
dB
Noise Figure
3.0
dB
Output IP3
2.8
dBm
Output P1dB
-7.4
dBm
Input Return Loss
8.8
dB
Isolation
35.6
dB
2400MHz
T=25°C
Gain
14.2
dB
Noise Figure
2.8
dB
Output IP3
0.2
dBm
Output P1dB
-7.0
dBm
Input Return Loss
8.4
dB
Isolation
33.6
dB
Caution! ESD sensitive device.
Exceeding any one or a combination of the Absolute Maximum Rating conditions may
cause permanent damage to the device. Extended application of Absolute Maximum
Rating conditions to the device may reduce device reliability. Specified typical perfor-
mance or functional operation of the device under Absolute Maximum Rating condi-
tions is not implied.
The information in this publication is believed to be accurate and reliable. However, no
responsibility is assumed by RF Micro Devices, Inc. ("RFMD") for its use, nor for any
infringement of patents, or other rights of third parties, resulting from its use. No
license is granted by implication or otherwise under any patent or patent rights of
RFMD. RFMD reserves the right to change component circuitry, recommended appli-
cation circuitry and specifications at any time without prior notice.
RFMD Green: RoHS compliant per EU Directive 2002/95/EC, halogen free
per IEC 61249-2-21, < 1000ppm each of antimony trioxide in polymeric
materials and red phosphorus as a flame retardant, and <2% antimony in
solder.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com