Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA1263Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA1263Z
Description  DCto4000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA1263Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA1263Z Datasheet HTML 1Page - RF Micro Devices SGA1263Z Datasheet HTML 2Page - RF Micro Devices SGA1263Z Datasheet HTML 3Page - RF Micro Devices SGA1263Z Datasheet HTML 4Page - RF Micro Devices SGA1263Z Datasheet HTML 5Page - RF Micro Devices SGA1263Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
InP HBT
LDMOS
RF MEMS
SGA1263Z
DCto4000MHz SILICON GERMANIUM HBT
CASCADABLE GAIN BLOCK
RFMD’s SGA1263Z is a Silicon Germanium HBT Heterostructure Bipolar
Transistor (SiGe HBT) amplifier that offers excellent isolation and flat gain
response for application to 4GHz. This RFIC is a 2-stage design that pro-
vides high isolation of up to 40dB at 2GHz and is fabricated using the lat-
est SiGe HBT 50GHz FT process, featuring one-micron emitters with
VCEO>7V. These unconditionally stable amplifiers have less than 1dB gain
drift over 125°C operating range (-40°C to +85°C) and are ideal for use
as buffer amplifiers in oscillator applications covering
cellular, ISM, and narrowband PCS bands.
-8 0
-6 0
-4 0
-2 0
0
dB
Frequency MHz
Isolation vs. Frequency
DCto4000MHz Operation
Single Supply Voltage
Excellent Isolation, >50dB at
900MHz
50
 In/Out, Broadband
Match for Operation from DC-
4GHz
Unconditionally Stable
Applications
Buffer Amplifier for Oscillator
Applications
Broadband Gain Blocks
IF Amp
DS111011
Package: SOT-363
SGA1263Z
DCto4000MH
z Silicon Ger-
manium HBT
Cascadable
Gain Block
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
15
17
19
dB
850MHz
12
15
17
dB
1950MHz
Output Power at 1dB Compression
-13.0
-9.5
dBm
1950MHz
Output Third Order Intercept Point
-1.5
1.0
dBm
1950MHz
Determined by Return Loss (<-10dB)
MHz
Input Return Loss
9.5
11.2
dB
1950MHz
Output Return Loss
7
8
dB
1950MHz
Noise Figure
2.5
4.0
dB
1950MHz
Device Voltage
2.5
2.8
3.1
V
Thermal Resistance
255
°C/W
Test Conditions: VS=5V, ID=8mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-20dBm, RBIAS=270, TL=25°C, ZS=ZL=50


Similar Part No. - SGA1263Z

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
SGA12E MEANWELL-SGA12E Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E05-P1J MEANWELL-SGA12E05-P1J Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E07-P1J MEANWELL-SGA12E07-P1J Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E09-P1J MEANWELL-SGA12E09-P1J Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
SGA12E12-P1J MEANWELL-SGA12E12-P1J Datasheet
103Kb / 3P
12W AC-DC High Reliability Slim Wall-mounted Adaptor
More results

Similar Description - SGA1263Z

ManufacturerPart #DatasheetDescription
logo
SIRENZA MICRODEVICES
SGC-2386Z SIRENZA-SGC-2386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2463Z SIRENZA-SGC-2463Z Datasheet
306Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-2486Z SIRENZA-SGC-2486Z Datasheet
265Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4363Z SIRENZA-SGC-4363Z Datasheet
308Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4386Z SIRENZA-SGC-4386Z Datasheet
266Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
SGC-4463Z SIRENZA-SGC-4463Z Datasheet
307Kb / 5P
50-4000 MHz Silicon Germanium Cascadable Gain Block
logo
RF Micro Devices
SGA0163Z RFMD-SGA0163Z Datasheet
324Kb / 6P
DC to 4500MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA0363Z RFMD-SGA0363Z Datasheet
322Kb / 6P
DC to 5000MHz, SILICON GERMANIUM CASCADABLE GAIN BLOCK
SGA7489Z RFMD-SGA7489Z Datasheet
486Kb / 6P
DC to 3000MHz SILICON GERMANIUM HBT CASCADABLE GAIN BLOCK
SGC6389Z RFMD-SGC6389Z Datasheet
599Kb / 6P
ACTIVE BIAS SILICON GERMANIUM CASCADABLE GAIN BLOCK
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com