Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA4563Z Datasheet(PDF) 2 Page - RF Micro Devices

Part # SGA4563Z
Description  DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4563Z Datasheet(HTML) 2 Page - RF Micro Devices

  SGA4563Z Datasheet HTML 1Page - RF Micro Devices SGA4563Z Datasheet HTML 2Page - RF Micro Devices SGA4563Z Datasheet HTML 3Page - RF Micro Devices SGA4563Z Datasheet HTML 4Page - RF Micro Devices SGA4563Z Datasheet HTML 5Page - RF Micro Devices SGA4563Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2 of 6
DS140121
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SGA4563Z
Typical Performance at Key Operating Frequencies
Absolute Maximum Ratings
Parameter
Rating
Unit
Max Device Current (ID)90
mA
Max Device Voltage (VD)6
V
Max RF Input Power
+18
dBm
Max Junction Temp (TJ)+150
°C
Operating Temp Range (TL)
-40 to +85
°C
Max Storage Temp
+150
°C
Operation of this device beyond any one of these limits may cause permanent dam-
age. For reliable continuous operation, the device voltage and current must not
exceed the maximum operating values specified in the table on page one.
Bias Conditions should also satisfy the following expression:
IDVD<(TJ-TL)/RTH, j-l
Parameter
Unit
100
MHz
500
MHz
850
MHz
1950
MHz
2400
MHz
3500
MHz
Small Signal Gain
dB
28.7
27.4
25.6
20.2
18.6
15.3
Output Third Order Intercept Point
dBm
27.0
26.2
27.1
26.2
25.3
Output Power at 1dB Compression
dBm
15.7
15.0
15.0
12.8
11.6
Input Return Loss
dB
19.2
20.7
24.5
19.9
16.5
12.4
Output Return Loss
dB
20.0
17.7
15.0
10.1
9.3
9.3
Reverse Isolation
dB
30.5
29.7
28.7
24.5
23.0
19.9
Noise Figure
dB
1.9
1.9
1.9
2.4
Test Conditions: VS=8V, ID=45mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-10dBm, RBIAS=100, TL=25°C, ZS=ZL=50
T
L=+25ºC
0
1
2
3
4
5
0
0.5
11.5
22.5
3
Frequency (GHz)
T
L=+25ºC
Noise Figure vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)
T
L=+25ºC
0
1
2
3
4
5
0
0.5
1
1.5
2
2.5
3
Frequency (GHz)
T
L=+25ºC
Noise Figure vs. Frequency
V
D= 3.2 V, ID= 45 mA (Typ.)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com