Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SGA4563Z Datasheet(PDF) 1 Page - RF Micro Devices

Part # SGA4563Z
Description  DC to 2500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

SGA4563Z Datasheet(HTML) 1 Page - RF Micro Devices

  SGA4563Z Datasheet HTML 1Page - RF Micro Devices SGA4563Z Datasheet HTML 2Page - RF Micro Devices SGA4563Z Datasheet HTML 3Page - RF Micro Devices SGA4563Z Datasheet HTML 4Page - RF Micro Devices SGA4563Z Datasheet HTML 5Page - RF Micro Devices SGA4563Z Datasheet HTML 6Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Features
1 of 6
Optimum Technology
Matching® Applied
GaAs HBT
InGaP HBT
GaAs MESFET
SiGe BiCMOS
Si BiCMOS
SiGe HBT
GaAs pHEMT
Si CMOS
Si BJT
GaN HEMT
RF MICRO DEVICES®, RFMD®, Optimum Technology Matching®, Enabling Wireless Connectivity™, PowerStar®, POLARIS™ TOTAL RADIO™ and UltimateBlue™ are trademarks of RFMD, LLC. BLUETOOTH is a trade-
mark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names, trademarks and registered trademarks are the property of their respective owners. ©2006, RF Micro Devices, Inc.
Product Description
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
RF MEMS
SGA4563Z
DC to 2500MHz, CASCADABLE SiGe HBT
MMIC AMPLIFIER
The SGA4563Z is a high performance SiGe HBT MMIC Amplifier. A Darling-
ton configuration featuring one-micron emitters provides high FT and
excellent thermal performance. The heterojunction increases breakdown
voltage and minimizes leakage current between junctions. Cancellation of
emitter junction non-linearities results in higher suppression of intermodu-
lation products. Only two DC-blocking capacitors, a bias resistor, and an
optional RF choke are required for operation.
0
8
16
24
32
01
23
4
5
6
Frequency (GHz)
-40
-30
-20
-10
0
GAIN
IRL
ORL
Gain & Return Loss vs. Frequency
V
D= 3.5 V, ID= 45 mA (Typ.)
High Gain: 20.2dB at
1950MHz
Cascadable 50
Operates from Single Supply
Low Thermal Resistance
Package
Applications
PA Driver Amplifier
Cellular, PCS, GSM, UMTS
IF Amplifier
Wireless Data, Satellite
DS140121
Package: SOT-363
SGA4563Z
Parameter
Specification
Unit
Condition
Min.
Typ.
Max.
Small Signal Gain
25.6
dB
850MHz
20.2
dB
1950MHz
18.6
dB
2400MHz
Output Power at 1dB Compression
15.0
dBm
850MHz
12.8
dBm
1950MHz
Output Third Intercept Point
27.1
dBm
850MHz
26.2
dBm
1950MHz
Bandwidth Determined by Return
Loss
2500
MHz
>10dB
Input Return Loss
19.9
dB
1950MHz
Output Return Loss
10.1
dB
1950MHz
Noise Figure
2.4
dB
1950MHz
Device Operating Voltage
3.6
V
Device Operating Current
404549
mA
Thermal Resistance
(Junction - Lead)
255
°C/W
Test Conditions: VS=8V, ID=45mA Typ., OIP3 Tone Spacing=1MHz, POUT per tone=-10dBm, RBIAS=100, TL=25°C, ZS=ZL=50


Similar Part No. - SGA4563Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA4586Z RFMD-SGA4586Z Datasheet
286Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4586ZPCK1 RFMD-SGA4586ZPCK1 Datasheet
286Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4586ZSQ RFMD-SGA4586ZSQ Datasheet
286Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4586ZSR RFMD-SGA4586ZSR Datasheet
286Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results

Similar Description - SGA4563Z

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SGA2186Z RFMD-SGA2186Z Datasheet
304Kb / 5P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2386Z RFMD-SGA2386Z Datasheet
291Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA2486Z RFMD-SGA2486Z Datasheet
288Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3263Z RFMD-SGA3263Z Datasheet
427Kb / 7P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA3363Z RFMD-SGA3363Z Datasheet
357Kb / 6P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA4186Z RFMD-SGA4186Z Datasheet
285Kb / 6P
DC to 5000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6286Z RFMD-SGA6286Z Datasheet
295Kb / 7P
DC to 5500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6389Z RFMD-SGA6389Z Datasheet
467Kb / 6P
DC to 4500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6489Z RFMD-SGA6489Z Datasheet
469Kb / 6P
DC to 3500MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
SGA6586Z RFMD-SGA6586Z Datasheet
284Kb / 6P
DC to 4000MHz, CASCADABLE SiGe HBT MMIC AMPLIFIER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com