Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6723M2DPBF Datasheet(PDF) 5 Page - International Rectifier

Part # IRF6723M2DPBF
Description  Replaces Two Discrete MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DPBF Datasheet(HTML) 5 Page - International Rectifier

  IRF6723M2DPBF_15 Datasheet HTML 1Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 2Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 3Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 4Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 5Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 6Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 7Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 8Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
IRF6723M2DTR/TR1PbF
www.irf.com
5
Fig 13. Typical Threshold Voltage vs. Junction
Temperature
Fig 12. Maximum Drain Current vs. Case Temperature
Fig 10. Typical Source-Drain Diode Forward Voltage
Fig 11. Maximum Safe Operating Area
Fig 15. Maximum Avalanche Energy vs. Drain Current
Fig 14. Typ. Forward Transconductance vs. Drain Current
0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0 1.1 1.2
VSD, Source-to-Drain Voltage (V)
0
1
10
100
1000
TJ = 175°C
TJ = 25°C
TJ = -40°C
VGS = 0V
25
50
75
100
125
150
175
TC , Case Temperature (°C)
0
10
20
30
40
50
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
0.5
1.0
1.5
2.0
2.5
3.0
ID = 25µA
ID = 250µA
ID = 1.0mA
ID = 1.0A
0
1020
3040
ID,Drain-to-Source Current (A)
0
20
40
60
80
TJ = 25°C
TJ = 175°C
VDS = 15V
2 380µs PULSE WIDTH
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
ID
TOP
1.9A
3.0A
BOTTOM 12A
0
1
10
100
VDS, Drain-to-Source Voltage (V)
0.1
1
10
100
1000
OPERATION IN THIS AREA
LIMITED BY R DS(on)
Tc = 25°C
Tj = 175°C
Single Pulse
100µsec
1msec
10msec
DC



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com