Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRF6723M2DPBF Datasheet(PDF) 1 Page - International Rectifier

Part # IRF6723M2DPBF
Description  Replaces Two Discrete MOSFETs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRF6723M2DPBF Datasheet(HTML) 1 Page - International Rectifier

  IRF6723M2DPBF_15 Datasheet HTML 1Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 2Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 3Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 4Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 5Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 6Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 7Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 8Page - International Rectifier IRF6723M2DPBF_15 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
12/16/09
IRF6723M2DTRPbF
IRF6723M2DTR1PbF
DirectFET
™ Power MOSFET ‚
Applicable DirectFET Outline and Substrate Outline

Typical values (unless otherwise specified)
DirectFET
™ ISOMETRIC
Description
The IRF6723M2DPbF combines two MOSFET switches optimized for high side applications into a single medium can DirectFET package.
The switches have low gate resistance and low charge along with ultra low package inductance providing significant reduction in switching
losses. The reduced losses make this product ideal for high efficiency multiphase DC-DC converters that power the latest generation of
processors operating at higher frequencies.
The IRF6723M2DPbF combines the latest HEXFET® Power MOSFET Silicon technology with the advanced DirectFETTM packaging to
achieve the highest power density for two MOSFETs in a package that has the footprint of a SO-8 and only 0.7 mm profile. The DirectFET
package is compatible with existing layout geometries used in power applications, PCB assembly equipment and vapor phase, infra-red or
convection soldering techniques, when application note AN-1035 is followed regarding the manufacturing methods and processes. The
DirectFET package allows dual sided cooling to maximize thermal transfer in power systems, improving previous best thermal resistance by
80%.
Fig 1. Typical On-Resistance vs. Gate Voltage
Fig 2. Typical Total Gate Charge vs Gate-to-Source Voltage
 Click on this section to link to the appropriate technical paper.
‚ Click on this section to link to the DirectFET Website.
ƒ Surface mounted on 1 in. square Cu board, steady state.
„ TC measured with thermocouple mounted to top (Drain) of part.
… Repetitive rating; pulse width limited by max. junction temperature.
† Starting TJ = 25°C, L = 0.99mH, RG = 25Ω, IAS = 12A.
Notes:
PD - 97441
G1
G2
S1
S2
S1
S2
SB
M2
M4
MA
L4
L6
L8
2
4
6
8
10
12
14
16
18
20
VGS, Gate -to -Source Voltage (V)
0
5
10
15
20
25
ID = 15A
TJ = 25°C
TJ = 125°C
Applications
l Dual Common Drain Control MOSFETs for
Multiphase DC-DC Converters
Features
l Replaces Two Discrete MOSFETs
l Optimized for High Frequency Switching
l Low Profile (<0.7 mm)
l Dual Sided Cooling Compatible
l Ultra Low Package Inductance
l Compatible with existing Surface Mount
Techniques
l RoHS Compliant and
Halogen Free
l 100% Rg tested
Absolute Maximum Ratings (each die operating consecutively)
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V e
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
e
A
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V f
IDM
Pulsed Drain Current
g
EAS
Single Pulse Avalanche Energy
h
mJ
IAR
Avalanche Current
Ãg
A
71
Max.
13
47
130
±20
30
15
12
Qg tot
Qgd
Qgs2
Qrr
Qoss Vgs(th)
9.4nC
3.3nC
1.2nC
17nC
6.3nC
1.8V
VDSS
VGS
RDS(on)
RDS(on)
30V max ±20V max 5.2mΩ@ 10V 8.6mΩ@ 4.5V
0
5
10
15
20
25
QG Total Gate Charge (nC)
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
VDS= 24V
VDS= 15V
ID= 12A


Similar Part No. - IRF6723M2DPBF_15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRF6723M2DTR1PBF IRF-IRF6723M2DTR1PBF Datasheet
271Kb / 10P
Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters
IRF6723M2DTRPBF IRF-IRF6723M2DTRPBF Datasheet
271Kb / 10P
Dual Common Drain Control MOSFETs for Multiphase DC-DC Converters
More results

Similar Description - IRF6723M2DPBF_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OM6214SS ETC-OM6214SS Datasheet
43Kb / 4P
TWO POWER MOSFETS IN HERMETIC ISOLATED SIP PACKAGE
SG50N06T ETC2-SG50N06T Datasheet
109Kb / 2P
Discrete IGBTs
logo
Hamamatsu Corporation
S1880 HAMAMATSU-S1880 Datasheet
136Kb / 4P
Two-dimensional PSD Non-discrete position sensor utilizing photodiode surface resistance
logo
Sirectifier Semiconduct...
SG50N06T SIRECTIFIER-SG50N06T Datasheet
109Kb / 2P
Discrete IGBTs
SG25S12T SIRECTIFIER-SG25S12T Datasheet
111Kb / 2P
Discrete IGBTs
logo
Aries Electronics, Inc.
16-304235-10 ARIES-16-304235-10 Datasheet
476Kb / 1P
Replaces MAX691 with MAX807
logo
Intersil Corporation
HIP6601BCB-T INTERSIL-HIP6601BCB-T Datasheet
256Kb / 12P
Drives Two N-Channel MOSFETs
May 1, 2012
HIP6004ECB-T INTERSIL-HIP6004ECB-T Datasheet
507Kb / 13P
Drives two N-Channel MOSFETs
July 2004
logo
Solid State Optronic
AD4C111 SSOUSA-AD4C111_15 Datasheet
223Kb / 5P
Two discrete 1 form A Relays in compact 8 pin DIP package
logo
Aries Electronics, Inc.
18075 ARIES-18075 Datasheet
571Kb / 1P
Replaces MAX691 with MAX807
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com