Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFHA1101 Datasheet(PDF) 7 Page - RF Micro Devices

Part # RFHA1101
Description  Advanced GaN HEMT Technology
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RFHA1101 Datasheet(HTML) 7 Page - RF Micro Devices

  RFHA1101 Datasheet HTML 1Page - RF Micro Devices RFHA1101 Datasheet HTML 2Page - RF Micro Devices RFHA1101 Datasheet HTML 3Page - RF Micro Devices RFHA1101 Datasheet HTML 4Page - RF Micro Devices RFHA1101 Datasheet HTML 5Page - RF Micro Devices RFHA1101 Datasheet HTML 6Page - RF Micro Devices RFHA1101 Datasheet HTML 7Page - RF Micro Devices RFHA1101 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
RF Micro Devices Inc.
7628 Thorndike Road, Greensboro, NC 27409-9421
DS131023
For sales or technical support, contact RFMD at +1.336.678.5570 or customerservice@rfmd.com.
RF MICRO DEVICES
® and RFMD® are trademarks of RFMD, LLC. BLUETOOTH is a trademark owned by Bluetooth SIG, Inc., U.S.A. and licensed for use by RFMD. All other trade names,
trademarks, and registered trademarks are the property of their respective owners. ©2013, RF Micro Devices, Inc.
7 of 8
Assembly Notes
Die Storage
Individual bare die should be held in appropriately sized ESD waffle trays or ESD GEL packs.
Die should be stored in CDA/N2 cabinets and in a controlled temperature and humidity environment.
Die Handling
Die should only be picked using an auto or semi-automated pick system and an appropriate pick tool.
Pick parameters will need to be carefully defined so not to cause damage to either the top or bottom die surface.
GaN HEMT devices are ESD sensitive materials. Please use proper ESD precautions when handling devices or
evaluation boards.
RFMD does not recommend operating this device with typical drain voltage applied and the gate pinched off in a high
humidity, high temperature environment.
Caution: The use of inappropriate or worn-out ejector needle and improper ejection parameter settings can cause die backside
tool marks or micro-cracks that can eventually lead to die cracking.
Die Attach
There are two commonly applied die attach processes: adhesive die attach and eutectic die attach. Both processes use special
equipment and tooling to mount the die.
EUTECTIC ATTACH
80/20 AµSn preform, 0.5mil to 1mil thickness, made from virgin melt gold.
Pulsed heat or die scrub attach process using auto or semi-automatic equipment.
Attach process carried out in an inert atmosphere.
Custom die pick collets are required that match the outline of the die and the specific process employed using either
pulsed, fixed heat, or scrub.
Maximum temperature during die attach should be no greater than 320°C and for less than 30 seconds.
Key parameters that need to be considered include: die placement force, die scrub profile and heat profile.
Minimal amount of voiding is desired to ensure maximum heat transfer to the carrier and no voids should be present
under the active area of the die.
Voiding can be measured using X-ray or Acoustic microscopy.
The acceptable level of voiding should be determined using thermal modeling analysis.
ADHESIVE ATTACH
High thermal silver filled epoxy is dispensed in a controlled manner and die is placed using an appropriate collet.
Assembled parts are cured at temperatures between 150°C and 180°C.
Always refer to epoxy manufacturer's data sheet.
Industry recognized standards for epoxy die attach are clearly defined within MIL-883.
Early Life Screen Conditions
RFMD recommends an Early Life Screen test that subjects this die to TJ = 250°C (junction temperature) for at least 1 hour prior to
field deployment.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com